Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE9461ES Datasheet HTML 1Page - Infineon Technologies AG TLE9461ES Datasheet HTML 2Page - Infineon Technologies AG TLE9461ES Datasheet HTML 3Page - Infineon Technologies AG TLE9461ES Datasheet HTML 4Page - Infineon Technologies AG TLE9461ES Datasheet HTML 5Page - Infineon Technologies AG TLE9461ES Datasheet HTML 6Page - Infineon Technologies AG TLE9461ES Datasheet HTML 7Page - Infineon Technologies AG TLE9461ES Datasheet HTML 8Page - Infineon Technologies AG TLE9461ES Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 140 page
background image
Datasheet
Rev. 1.1
www.infineon.com
1
2019-09-27
TLE9461ES
Lite CAN SBC Family
1
Overview
Features
Key Features
• Very low quiescent current consumption in Stop- and Sleep Mode
• Periodic Cyclic Wake in SBC Normal-, Stop- and Sleep Mode
• Periodic Cyclic Sense in SBC Normal-, Stop- and Sleep Mode
• Low-Drop Linear Voltage Regulator 5 V, 150 mA (250 mA peak) for main supply,
• Low-Drop Linear Voltage Regulator 5 V, 100 mA, protection feature for off-board usage
• High-Speed CAN transceiver supporting FD communication up to 5 Mbit/s according to ISO 11898-2:2016
& SAE J2284
• Fully compliant to “Hardware Requirements for LIN, CAN and FlexRay Interfaces in Automotive
Applications” Revision 1.3, 2012-05-04
• Charge pump-output for N-channel MOSFET reverse-polarity protection or load switch feature with
integrated spread spectrum modulation feature for optimum EMC performance
• Universal High-Voltage Wake input for voltage level monitoring and wake-up detection
• General Purpose High-Voltage in- and output (GPIO) configurable as Fail Output, Wake Input, Low-Side
switch or High-Side switch
• High-Voltage Measurement function as alternative pin assignment
• Fail Output for Fail-Safe signalization
• Configurable wake-up sources
• Reset & Interrupt outputs
• Configurable timeout and window watchdog
• Overtemperature and short circuit protection feature
• Dedicated TEST pin for SBC Development Mode entry (watchdog counter stopped)
• Software compatible to other SBC families TLE926x and TLE927x
• Wide input voltage and temperature range
• Optimized for Electromagnetic Compatibility (EMC) and low Electromagnetic Emission (EME)
• Optimized for high immunity against Electromagnetic Interference (EMI)
• AEC Qualified & Green Product (RoHS compliant)


Similar Part No. - TLE9461ES

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9461ES INFINEON-TLE9461ES Datasheet
539Kb / 2P
Lite LDO System Basis Chip supports CAN Flexible Data-Rate(FD) and Partial Networking (PN)
MM-2015
TLE9461ESV33 INFINEON-TLE9461ESV33 Datasheet
4Mb / 140P
Lite CAN SBC Family
Rev. 1.1 2019-09-27
TLE9461ESV33 INFINEON-TLE9461ESV33 Datasheet
539Kb / 2P
Lite LDO System Basis Chip supports CAN Flexible Data-Rate(FD) and Partial Networking (PN)
MM-2015
More results

Similar Description - TLE9461ES

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_16 Datasheet
379Kb / 56P
LIN/CAN SBC/System-IC
April, 2016 ??Rev. 4
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
logo
Infineon Technologies A...
TLE9461-3ES INFINEON-TLE9461-3ES Datasheet
5Mb / 174P
Lite CAN SBC Family
Rev. 1.1 2019-09-27
TLE9461-3ESV33 INFINEON-TLE9461-3ESV33 Datasheet
5Mb / 174P
Lite CAN SBC Family
Rev. 1.1 2019-09-27
TLE9461ESV33 INFINEON-TLE9461ESV33 Datasheet
4Mb / 140P
Lite CAN SBC Family
Rev. 1.1 2019-09-27
TLE9471-3ES INFINEON-TLE9471-3ES Datasheet
5Mb / 175P
Lite CAN SBC Family
Rev. 1.1 2019-09-27
TLE9471-3ESV33 INFINEON-TLE9471-3ESV33 Datasheet
5Mb / 175P
Lite CAN SBC Family
Rev. 1.1 2019-09-27
TLE9471ES INFINEON-TLE9471ES Datasheet
4Mb / 141P
Lite CAN SBC Family
Rev. 1.1 2019-09-27
TLE9471ESV33 INFINEON-TLE9471ESV33 Datasheet
4Mb / 141P
Lite CAN SBC Family
Rev. 1.1 2019-09-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com