Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 93 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 93 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 89Page - Infineon Technologies AG TLE9461ES Datasheet HTML 90Page - Infineon Technologies AG TLE9461ES Datasheet HTML 91Page - Infineon Technologies AG TLE9461ES Datasheet HTML 92Page - Infineon Technologies AG TLE9461ES Datasheet HTML 93Page - Infineon Technologies AG TLE9461ES Datasheet HTML 94Page - Infineon Technologies AG TLE9461ES Datasheet HTML 95Page - Infineon Technologies AG TLE9461ES Datasheet HTML 96Page - Infineon Technologies AG TLE9461ES Datasheet HTML 97Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Supervision Functions
Datasheet
93
Rev.1.1
2019-09-27
12.9
Electrical Characteristics
Table 25
Electrical Characteristics
VS = 5.5 V to 28 V; Tj = -40°C to +150°C; SBC Normal Mode; all voltages with respect to ground; positive current
defined flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
VCC1 Monitoring;
Undervoltage Prewarning
Threshold Voltage PW,f
VPW,f
4.53
4.70
4.84
V
VCC1 falling,
SPI bit is set
P_13.9.1
Undervoltage Prewarning
Threshold Voltage PW,r
VPW,r
4.60
4.75
4.90
V
VCC1 rising
P_13.9.2
Undervoltage Prewarning
Threshold Voltage
hysteresis
VPW,hys
30
50
90
mV
5)
P_13.9.3
VCC1 UV Prewarning
Detection Filter Time
tVCC1,PW_F
510
14
us
3) rising and falling P_13.9.4
Reset Threshold
Voltage RT1,f
VRT1,f
4.45
4.6
4.75
V
default setting;
VCC1 falling
P_13.9.5
Reset Threshold
Voltage RT1,r
VRT1,r
4.58
4.74
4.90
V
default setting;
VCC1 rising
P_13.9.6
Reset Threshold
Voltage RT2,f
VRT2,f
3.70
3.85
4.00
V
VCC1 falling
P_13.9.7
Reset Threshold
Voltage RT2,r
VRT2,r
3.85
4.0
4.15
V
VCC1 rising
P_13.9.8
Reset Threshold
Voltage RT3,f
VRT3,f
3.24
3.40
3.55
V
VS ≥ 4V;
VCC1 falling
P_13.9.9
Reset Threshold
Voltage RT3,r
VRT3,r
3.39
3.54
3.70
V
VS ≥ 4V;
VCC1 rising
P_13.9.10
Reset Threshold
Voltage RT4,f
VRT4,f
2.49
2.65
2.8
V
VS ≥ 4V;
VCC1 falling
P_13.9.11
Reset Threshold
Voltage RT4,r
VRT4,r
2.65
2.76
2.95
V
VS ≥ 4V;
VCC1 rising
P_13.9.12
Reset Threshold Hysteresis VRT,hys
70
140
220
mV
5)
P_13.9.13
VCC1Over Voltage Detection
Threshold Voltage
VCC1,OV,r
5.6
5.8
6.0
V
1)5)rising VCC1
P_13.9.26
VCC1Over Voltage Detection
Threshold Voltage
VCC1,OV,f
5.48
5.65
5.82
V
5)falling VCC1
P_13.9.27
VCC1Over Voltage Detection
hysteresis
VCC1,OV,hys
50
160
200
mV
5)
P_13.9.30
VCC1 OV Detection Filter
Time
tVCC1,OV_F
51
64
80
us
3)
P_13.9.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com