Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 79 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 79 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 75Page - Infineon Technologies AG TLE9461ES Datasheet HTML 76Page - Infineon Technologies AG TLE9461ES Datasheet HTML 77Page - Infineon Technologies AG TLE9461ES Datasheet HTML 78Page - Infineon Technologies AG TLE9461ES Datasheet HTML 79Page - Infineon Technologies AG TLE9461ES Datasheet HTML 80Page - Infineon Technologies AG TLE9461ES Datasheet HTML 81Page - Infineon Technologies AG TLE9461ES Datasheet HTML 82Page - Infineon Technologies AG TLE9461ES Datasheet HTML 83Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Fail Output (FO) and General Purpose I/O (GPIO)
Datasheet
79
Rev.1.1
2019-09-27
11.1.3
WK and FO/GPIO HV-Sensing Function as Alternative Function
This function provides the possibility to measure a voltage, e.g. the unbuffered battery voltage, with the
protected WK HV-input. The measured voltage is routed out at FO/GPIO.
If this function is enabled with the WK_MEAS then neither the FO (including the FO test via FO_ON) nor the
GPIO functionality is available. Trying to enable the FO/GPIO functionality sets the SPI_FAIL flag.
If the measurement function is enabled the following items must be noted:
• The internal pull-up / pull-down structures are disabled and the internal WK signal is gated (blocked)
•The register WK_PUPD_CTRL can be modified but functionality changes are ignored. The GPIO_CTRL
cannot be modified while WK_MEAS = ‘1’. WK_MEAS cannot be set if FO is configured. In this case SPI_FAIL
is set.
FO must be set to Off first.
• The wake capability and voltage monitoring of the WK pin is disabled, i.e. WK_STAT_1 and WK_LVL_STAT
are not updated
• If GPIO WK is the only valid wake source then the SPI_FAIL flag is set when trying to enter SBC Sleep Mode
(see also Chapter 5.1) and SBC Restart Mode is entered
Please refer to Chapter 5.4 for more details on the functionality of the measurement unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com