Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 89 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 89 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 85Page - Infineon Technologies AG TLE9461ES Datasheet HTML 86Page - Infineon Technologies AG TLE9461ES Datasheet HTML 87Page - Infineon Technologies AG TLE9461ES Datasheet HTML 88Page - Infineon Technologies AG TLE9461ES Datasheet HTML 89Page - Infineon Technologies AG TLE9461ES Datasheet HTML 90Page - Infineon Technologies AG TLE9461ES Datasheet HTML 91Page - Infineon Technologies AG TLE9461ES Datasheet HTML 92Page - Infineon Technologies AG TLE9461ES Datasheet HTML 93Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Supervision Functions
Datasheet
89
Rev.1.1
2019-09-27
12.4
VS Under- and Overvoltage
12.4.1
VS Undervoltage
The VS under-voltage monitoring is always active in SBC Init-, Restart- and Normal Mode (see below
conditions for SBC Stop Mode). If the supply voltage VS reaches the undervoltage threshold VS,UV then the SBC
triggers the following actions:
•SPI bit VS_UV is set. No other error bits are set. The bit can be cleared once the VS undervoltage condition
is not present anymore
• The VCC1 short circuit protection becomes inactive (see Chapter 12.6). However, the thermal protection
of the device remains active. If the undervoltage threshold is exceeded (VS rising) then the function is
automatically enabled again
Note:
VS under-voltage monitoring is not available in SBC Stop Mode due to current consumption saving
requirements except if the VCC1 load current is above the active peak threshold (I_PEAK_TH) or if
VCC1 is below the VCC1 prewarning threshold.
12.4.2
VS Overvoltage
The VS over-voltage monitoring is always active SBC Init-, Restart- and Normal Mode (see below note for
conditions in SBC Stop Mode) or when the charge pump is enabled. If the supply voltage VS reaches the over-
voltage threshold VS,OV then the SBC does the following measures:
•SPI bit VS_OV is set. This bit is intended for diagnosis only, i.e. or other error bits are set. The bit can be
cleared once the VS over-voltage condition is not present anymore
If the charge pump is disabled after the bit VS,OV was set then the bit will stay set until it is cleared via SPI.
Note:
VS over-voltage monitoring is not available in SBC Stop Mode due to current consumption saving
requirements except if the VCC1 load current is above the active peak threshold (I_PEAK_TH) or if
VCC1 is below the VCC1 prewarning threshold.
12.5
VCC1 Over-/ Undervoltage and Undervoltage Prewarning
12.5.1
VCC1 Undervoltage and Undervoltage Prewarning
This function is always active when the VCC1 voltage regulator is enabled. The supervision is implemented at
the pin VIO (VIO must be connected to VCC1).
A first-level voltage detection threshold is implemented as a prewarning for the microcontroller. The
prewarning event is signaled with the bit VCC1_ WARN. No other actions are taken.
As described in Chapter 12.1 and Figure 37, a reset is triggered (RSTN pulled Low) when the VCC1 output
voltage falls below the selected undervoltage threshold (VRTx). The SBC enters SBC Restart Mode and the bit
VCC1_UV is set when RSTN is released again.
The hysteresis of the VCC1 undervoltage threshold can be increased by setting the bit RSTN_HYS. In this case
always the highest rising threshold (Vrt1,r) is used for the release of the undervoltage reset. The falling reset
threshold remains as configured.
Note:
The VCC1_ WARN or VCC1_UV bits are not set in Sleep Mode as VCC1 = 0V in this case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com