Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 34Page - Infineon Technologies AG TLE9461ES Datasheet HTML 35Page - Infineon Technologies AG TLE9461ES Datasheet HTML 36Page - Infineon Technologies AG TLE9461ES Datasheet HTML 37Page - Infineon Technologies AG TLE9461ES Datasheet HTML 38Page - Infineon Technologies AG TLE9461ES Datasheet HTML 39Page - Infineon Technologies AG TLE9461ES Datasheet HTML 40Page - Infineon Technologies AG TLE9461ES Datasheet HTML 41Page - Infineon Technologies AG TLE9461ES Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
System Features
Datasheet
38
Rev.1.1
2019-09-27
5.3
Charge Pump Output for Reverse Polarity Protection
A gate-driver (charge-pump output) is integrated in the TLE9461ES to drive external n-channel logic-level
MOSFETs on-board to provide Reverse Polarity Protection in the application or to control a KL. 30 switch (see
Figure 12). The gate voltage is provided at the pin VCP which should be connected as shown in Chapter 14.
The Charge Pump is able to drive up to 3 n-channel MOSFETs with a typ. Ron of 5mΩ.
A spread spectrum modulation feature is implemented for improved EMC behavior. Enabling and configuring
the spread spectrum modulation frequency is achieved via the SPI bits SS_MOD_FR.
Figure 12 Simplified Charge Pump Block
The charge pump output VCP is disabled in SBC Init Mode and can be configured in SBC Normal Mode via the
SPI bit CP_EN. To prevent an unintentional modification of the charge pump state the bit CP_EN can be
locked by setting the bit CFG_LOCK_0. In case the charge pump output must be disabled again then it is
necessary to clear CFG_LOCK_0 before.
The Charge Pump will also stay enabled in the SBC Stop, Sleep, Restart or Fail-Safe Mode if it was not disabled
before entering the respective mode. It does not switch-Off due to overvoltage.
Diagnosis is available by checking the bit CP_EN.
1k
Device protection
against reverse
battery
VCP
VS
Dedicated SBC
supply input
Fast switch off
path
Charge Pump
Output
Clamping Circuit
CP-EN
CP-EN
CK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com