Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 17Page - Infineon Technologies AG TLE9461ES Datasheet HTML 18Page - Infineon Technologies AG TLE9461ES Datasheet HTML 19Page - Infineon Technologies AG TLE9461ES Datasheet HTML 20Page - Infineon Technologies AG TLE9461ES Datasheet HTML 21Page - Infineon Technologies AG TLE9461ES Datasheet HTML 22Page - Infineon Technologies AG TLE9461ES Datasheet HTML 23Page - Infineon Technologies AG TLE9461ES Datasheet HTML 24Page - Infineon Technologies AG TLE9461ES Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
System Features
Datasheet
21
Rev.1.1
2019-09-27
Figure 4
Hardware Configuration Selection Timing Diagram
There are four different device configurations (Table 5) available defining the watchdog failure and the VCC1
over voltage behavior. The configurations can be selected via the external connection on the INTN pin and the
SPI bit CFG1 in the HW_CTRL_0 register (see also Chapter 13.4):
• CFG0_STATE = ‘1’: Config 1 and Config 3:
– A watchdog trigger failure leads to SBC Restart Mode and depending on CFG1 the Fail Output (FO) is
activated after the 1st (Config 1) or 2nd (Config 3) watchdog trigger failure;
– A VCC1 over voltage detection leads to SBC Restart Mode if VCC1_OV_RST is set.
VCC1_ OV is set and the Fail Output is activated;
• CFG0_STATE = ‘0’: Config 2 and Config 4:
– A watchdog trigger failure leads to SBC Fail-Safe Mode and depending on CFG1 the Fail Output (FO) is
activated after the 1st (Config 2) or 2nd (Config 4) watchdog trigger failure. The first watchdog trigger
failure in Config 4 leads to SBC Restart Mode;
– A VCC1 over voltage detection leads to SBC Fail-Safe Mode if VCC1_OV_RST is set.
VCC1_ OV is set and the Fail Output is activated;
The respective device configuration can be identified by reading the SPI bit CFG1 in the HW_CTRL_0 register
and the CFG0_STATE bit in the WK_LVL_STAT register.
Table 5 shows the configurations and the device behavior in case of a watchdog trigger failure:
t
VCC1
t
RO
t
VS
VPOR,r
tRD1
VRT1,r
tCFG_F
Configuration selection monitoring period
Continuous Filtering with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com