Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 95 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 95 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 91Page - Infineon Technologies AG TLE9461ES Datasheet HTML 92Page - Infineon Technologies AG TLE9461ES Datasheet HTML 93Page - Infineon Technologies AG TLE9461ES Datasheet HTML 94Page - Infineon Technologies AG TLE9461ES Datasheet HTML 95Page - Infineon Technologies AG TLE9461ES Datasheet HTML 96Page - Infineon Technologies AG TLE9461ES Datasheet HTML 97Page - Infineon Technologies AG TLE9461ES Datasheet HTML 98Page - Infineon Technologies AG TLE9461ES Datasheet HTML 99Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Supervision Functions
Datasheet
95
Rev.1.1
2019-09-27
Watchdog Generator / Internal Oscillator
Long Open Window
tLW
160
200
240
ms
3)
P_13.9.47
Internal Clock Generator
Frequency
fCLKSBC,1
0.8
1.0
1.2
MHz
–
P_13.9.48
Internal Oscillator 2MHz for
Charge Pump
fCLKSBC,2
1.8
2.0
2.2
MHz
2MHZ_FREQ
=’001’;
P_13.9.65
Minimum Waiting time during SBC Fail-Safe Mode
Min. waiting time Fail-Safe
tFS,min
80
100
120
ms
3)4)
P_13.9.49
Power-On Reset, Over / Undervoltage Protection
VS Power-on reset rising
VPOR,r
–4.5
V
VS increasing
P_13.9.50
VS Power-on reset falling
VPOR,f
–3
V
VS decreasing
P_13.9.51
VS Undervoltage Detection
Threshold
VS,UV
5.3
–
6.0
V
Supply UV
thresholdforVCC1
SC detection;
hysteresis
included; includes
rising and falling
threshold
P_13.9.52
VS Undervoltage Detection
Hysteresis
VS,UV,hys
180
220
260
mV
5)
P_13.9.67
VS Undervoltage Detection
Filter Time
tVS,UV
510
14
us
3) rising and falling P_13.9.62
VS Over voltage Detection
Threshold
VS,OV
22
–
25
V
5)Supply OV
threshold;
only SPI diagnosis
bit is set;
includesrisingand
falling threshold
P_13.9.63
VS Overvoltage Detection
Filter Time
tVS,OV
510
14
us
3) rising and falling P_13.9.64
VS Overvoltage Detection
Hysteresis
VS,OV,hys
0.3
–
0.55
V
5)
P_13.9.69
Overtemperature Shutdown5)
Thermal Prewarning
Temperature
TjPW
125
145
165
°C
Tj rising
P_13.9.54
Table 25
Electrical Characteristics (cont’d)
VS = 5.5 V to 28 V; Tj = -40°C to +150°C; SBC Normal Mode; all voltages with respect to ground; positive current
defined flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com