Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 14Page - Infineon Technologies AG TLE9461ES Datasheet HTML 15Page - Infineon Technologies AG TLE9461ES Datasheet HTML 16Page - Infineon Technologies AG TLE9461ES Datasheet HTML 17Page - Infineon Technologies AG TLE9461ES Datasheet HTML 18Page - Infineon Technologies AG TLE9461ES Datasheet HTML 19Page - Infineon Technologies AG TLE9461ES Datasheet HTML 20Page - Infineon Technologies AG TLE9461ES Datasheet HTML 21Page - Infineon Technologies AG TLE9461ES Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
System Features
Datasheet
18
Rev.1.1
2019-09-27
5
System Features
This chapter describes the system features and behavior of the TLE9461ES:
• State machine
• Device configuration
•SBC mode control
• State of supplies and peripherals
• System functions such as Cyclic Sense or Cyclic Wake
• Charge pump output for reverse polarity protection and Kl. 30 load switching
• High-voltage measurement interface
The System Basis Chip (SBC) offers six operating modes:
• SBC Init Mode: Power-up of the device (initial and after a soft reset),
• SBC Normal Mode: The main operating mode of the device,
• SBC Stop Mode: The first-level power saving mode (the main voltage regulator VCC1 remains enabled),
• SBC Sleep Mode: The second-level power saving mode (VCC1 is disabled),
•SBC Restart Mode: An intermediate mode after a wake-up event from SBC Sleep or Fail-Safe Mode or after
a failure (e.g. WD failure, VCC1 under voltage reset) to bring the microcontroller into a defined state via a
reset. Once the failure condition is not present anymore the device will automatically change to SBC
Normal Mode after a delay time (tRD1 or tRD2).
• SBC Fail-Safe Mode: A safe-state mode after critical failures (e.g. WD failure, VCC1 under voltage reset) to
bring the system into a safe state and to ensure a proper restart of the system later on. VCC1 is disabled. It
is a permanent state until either a wake-up event (via CAN, WK/VSENSE or GPIO configured as wake-up)
occurs or the over temperature condition is not present anymore.
A special mode, called SBC Development Mode, is available during software development or debugging of the
system. All above mentioned operating modes can be accessed in this mode. However, the watchdog counter
is stopped and does not need to be triggered. In addition, CAN is set to normal mode and VCC2 is On. This
mode can be accessed by connecting the TEST pin to VCC1 during SBC Init Mode.
The device can be configured via hardware to determine the device behavior after a watchdog trigger failure.
See Chapter 5.1.1 for further information.
The System Basis Chip is controlled via a 16-bit SPI interface. A detailed description can be found in
Chapter 13. The device configuration as well as the diagnosis is handled via the SPI. The SPI mapping of the
TLE9461ES is compatible to other devices of the TLE926x and TLE927x families.
The device offers various supervision features to support functional safety requirements. Please see
Chapter 12 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com