Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 41Page - Infineon Technologies AG TLE9461ES Datasheet HTML 42Page - Infineon Technologies AG TLE9461ES Datasheet HTML 43Page - Infineon Technologies AG TLE9461ES Datasheet HTML 44Page - Infineon Technologies AG TLE9461ES Datasheet HTML 45Page - Infineon Technologies AG TLE9461ES Datasheet HTML 46Page - Infineon Technologies AG TLE9461ES Datasheet HTML 47Page - Infineon Technologies AG TLE9461ES Datasheet HTML 48Page - Infineon Technologies AG TLE9461ES Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Voltage Regulator 1
Datasheet
45
Rev.1.1
2019-09-27
6.2
Functional Description
The Voltage Regulator 1 (=VCC1) is always enabled in SBC Normal, Stop and Restart Mode and is disabled in
SBC Sleep and in Fail-Safe Mode. VCC1 is the voltage regulator output. VIO is the regulation feedback,
supervision input and the supply for the digital in- and outputs. Therefore, the pins VCC1 and VIO must always
be connected.
Current Limitation Configurations:
The regulator can provide an output current up to IVCC1,lim. The current limitation threshold can be adjusted
with the bits ICC1_LIM_ADJ. A soft-start feature is implemented that limits the current to the lowest value
during start-up of VCC1 as long as RSTN is Low. After tRD1 has expired, the default value is resumed after power-
up or the configured value after SBC Sleep- or Fail-Safe Mode.
For low-quiescent current reasons, the output voltage accuracy is decreased in SBC Stop Mode because a less
accurate low-power mode regulator is active for very small loads. If the load current on VCC1 exceeds the
selected threshold (IVCC1,Ipeak1,r or IVCC1,Ipeak2,r) then the high-power mode regulator is also activated to support
an optimum dynamic load behavior. The current consumption increases by typ. 2.9mA. The SBC Mode stays
unchanged.
If the load current on VCC1 falls below the selected threshold (IVCC1,Ipeak1,f or IVCC1,Ipeak2,f), then the low-quiescent
current mode is resumed again by disabling the high-power mode regulator.
Both regulators (low-power mode and high-power mode) are active in SBC Normal Mode.
Two different active peak thresholds can be selected via SPI:
• I_PEAK_TH = ‘0’(default): the lower VCC1 active peak threshold 1 is selected with lowest quiescent current
consumption in SBC Stop Mode (IStop_1,25, IStop_1,85);
• I_PEAK_TH = ‘1’: the higher VCC1 active peak threshold 2 is selected with an increased quiescent current
consumption in SBC Stop Mode (IStop_2,25, IStop_2,85);
Table 14
Current Limitation Configurations
SPI Setting
ICC1_LIM_ADJ
Typ. Limitation
Current
Note
‘00’
0.75 A
default value, recommended setting
‘01’
1.0 A
setting for maximum peak load current / large external capacitor values
‘10’
1.2 A
setting not recommended
‘11’
1.5 A
setting not recommended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com