Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 69Page - Infineon Technologies AG TLE9461ES Datasheet HTML 70Page - Infineon Technologies AG TLE9461ES Datasheet HTML 71Page - Infineon Technologies AG TLE9461ES Datasheet HTML 72Page - Infineon Technologies AG TLE9461ES Datasheet HTML 73Page - Infineon Technologies AG TLE9461ES Datasheet HTML 74Page - Infineon Technologies AG TLE9461ES Datasheet HTML 75Page - Infineon Technologies AG TLE9461ES Datasheet HTML 76Page - Infineon Technologies AG TLE9461ES Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Interrupt Function
Datasheet
73
Rev.1.1
2019-09-27
10.2
Electrical Characteristics
Table 21
Electrical Characteristics
VS = 5.5 V to 28 V; Tj = -40°C to +150°C; SBC Normal Mode; all voltages with respect to ground; positive current
defined flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Interrupt Output; Pin INTN
INTN High Output Voltage VINTN,H
0.8 ×
VCC1
––
V
1)IINTN = -1 mA;
INTN = Off
1) Output Voltage Value also determines device configuration during SBC Init Mode
P_11.2.1
INTN Low Output Voltage VINTN,L
–
–
0.2 ×
VCC1
V
1)IINTN = 1 mA;
INTN = On
P_11.2.2
INTN Pulse Width
tINTN
80
100
120
µs
2)
2) Not subject to production test, tolerance defined by internal oscillator tolerance.
P_11.2.3
INTN Pulse Minimum
Delay Time
tINTND
80
100
120
µs
2) between
consecutive pulses
P_11.2.4
Configuration Select; Pin INTN
Config Pull-down
Resistance
RCFG
150
250
320
kΩ
VINTN = 5 V
P_11.2.5
Config Select Filter Time tCFG_F
510
14
µs
2)
P_11.2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com