Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 97 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 97 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 93Page - Infineon Technologies AG TLE9461ES Datasheet HTML 94Page - Infineon Technologies AG TLE9461ES Datasheet HTML 95Page - Infineon Technologies AG TLE9461ES Datasheet HTML 96Page - Infineon Technologies AG TLE9461ES Datasheet HTML 97Page - Infineon Technologies AG TLE9461ES Datasheet HTML 98Page - Infineon Technologies AG TLE9461ES Datasheet HTML 99Page - Infineon Technologies AG TLE9461ES Datasheet HTML 100Page - Infineon Technologies AG TLE9461ES Datasheet HTML 101Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
97
Rev.1.1
2019-09-27
13
Serial Peripheral Interface
The Serial Peripheral Interface is the communication link between the SBC and the microcontroller.
The TLE9461ES is supporting multi-slave operation in full-duplex mode with 16-bitdata access.
The SPI behavior for the different SBC Modes is as follows:
• The SPI is enabled in SBC Init, Normal and Stop Mode
• The SPI is disabled in SBC Sleep, Restart and Fail-Safe Mode
13.1
SPI Block Description
The Control Input Word is read via the data input SDI, which is synchronized with the clock input CLK provided
by the microcontroller. The output word appears synchronously at the data output SDO (see Figure 39 with a
16-bit data access example).
The transmission cycle begins when the chip is selected by the input CSN (Chip Select Not), Low active. After
the CSN input returns from Low to High, the word that has been read is interpreted according to the content.
The SDO output switches to tristate status (high impedance) at this point, thereby releasing the SDO bus for
other use. The state of SDI is shifted into the input register with every falling edge on CLK. The state of SDO is
shifted out of the output register after every rising edge on CLK. The SPI of the SBC is not daisy chain capable.
Figure 39 SPI Data Transfer Timing (note the reversed order of LSB and MSB shown in this figure
compared to the register description)
0
0
+
1 2 3 4 5 6 7 8 9 10
15
1
+
0 1 2 3 4 5 6
11 12 13 14
7 8 9 10
15
CSN high to low: SDO is enabled. Status information transferred to output shift register
CSN low to high: data from shift register is transferred to output functions
SDI: will accept data on the falling edge of CLK signal
SDO: will change state on the rising edge of CLK signal
Actual status
11 12 13 14
Actual data
New data
New status
SDO
SDI
CSN
CLK
time
time
time
time
ERR
ERR
-
0
+
1
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com