Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 101 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 101 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 97Page - Infineon Technologies AG TLE9461ES Datasheet HTML 98Page - Infineon Technologies AG TLE9461ES Datasheet HTML 99Page - Infineon Technologies AG TLE9461ES Datasheet HTML 100Page - Infineon Technologies AG TLE9461ES Datasheet HTML 101Page - Infineon Technologies AG TLE9461ES Datasheet HTML 102Page - Infineon Technologies AG TLE9461ES Datasheet HTML 103Page - Infineon Technologies AG TLE9461ES Datasheet HTML 104Page - Infineon Technologies AG TLE9461ES Datasheet HTML 105Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
101
Rev.1.1
2019-09-27
Figure 40 SPI Operation Mode
13.4
SPI Bit Mapping
The following figures show the mapping of the registers and the SPI bits of the respective registers.
The Control Registers ‘000 0000’ to ‘001 1110’ are Read/Write Register. Depending on bit 7 the bits are only
read (setting bit 7 to ‘0’) or also written (setting bit 7 to ‘1’). The new setting of the bit after a write can be seen
with a new read / write command.
The registers ‘100 0000’ to ‘111 1110’ are Status Registers and can be read or read with clearing the bit (if
possible) depending on bit 7. To clear a Data Byte of one of the Status Registers bit 7 must be set to ‘1’. The
registers WK_LVL_STAT, and FAM_PROD_STAT are an exception as they show the actual voltage level at the
respective WK pin (Low/High), or a fixed family/ product ID respectively and can thus not be cleared. It is
recommended for proper diagnosis to clear respective status bits for wake-up events or failure. However, in
general it is possible to enable drivers without clearing the respective failure flags.
When changing to a different SBC Mode, certain configurations bits is cleared automatically or modified:
• The SBC Mode bits are updated to the actual status, e.g. when returning to Normal Mode
• When changing to a low-power mode (Stop/Sleep), the diagnosis bits of the switches and transceivers are
not cleared. FO will stay activated if it was triggered before.
• When changing to SBC Stop Mode, the CAN control bits will not be modified.
• When changing to SBC Sleep Mode, the CAN control bits is modified if they were not Off or Wake Capable
before.
• VCC2 will stay On when going to Sleep-/Stop Mode (configuration can only be done in Normal Mode).
Diagnosis is active. In case of a failure the regulator is turned Off and no wake-up is issued.
0
1
2
3
4
5
7
6
8
9
10 11 12 13
15
14
Data Bits
DI
Address Bits
x
x
x
x
x
x
x
x
R/W
0
1
2
3
4
5
7
6
8
9
10 11 12 13
15
14
Data Bits
DO
Status Information Field
x
x
x
x
x
x
x
x
Register content of
selected address
LSB
MSB
time
LSB is sent first in SPI message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com