Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 5Page - Infineon Technologies AG TLE9461ES Datasheet HTML 6Page - Infineon Technologies AG TLE9461ES Datasheet HTML 7Page - Infineon Technologies AG TLE9461ES Datasheet HTML 8Page - Infineon Technologies AG TLE9461ES Datasheet HTML 9Page - Infineon Technologies AG TLE9461ES Datasheet HTML 10Page - Infineon Technologies AG TLE9461ES Datasheet HTML 11Page - Infineon Technologies AG TLE9461ES Datasheet HTML 12Page - Infineon Technologies AG TLE9461ES Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 140 page
background image
Datasheet
9
Rev.1.1
2019-09-27
TLE9461ES
Lite CAN SBC Family
Pin Configuration
3.3
Hints for Unused Pins
In case functions or pins are not used, it must be ensured that the configurations are done properly, e.g.
disabled via SPI. Unused pins should be handled as follows:
• WK/VSENSE: connect to GND and disable WK inputs via SPI
• RSTN / INTN / FO: leave open
• VCC2: leave open and keep disabled
• VCAN: connect to VCC1
• CANH/L, RXDCAN, TXDCAN: leave all pins open
• TEST: Leave open or connect to GND for normal user mode operation or connect to VIO to activate SBC
Development Mode;
• n.c.: not connected; internally not bonded; leave open
• If unused pins are routed to an external connector which leaves the ECU, then these pins should have
provision for a jumper (depopulated if unused)
3.4
Hints for Alternative Pin Functions
In case of SPI selectable alternative pin functions, it must be ensured that the correct configurations are also
selected via SPI (in case it is not done automatically). Please consult the respective chapter. In addition,
following topics shall be considered:
• WK/VSENSE: The pin can be either used as high-voltage wake-up and monitoring function or for a voltage
measurement function (via bit setting WK_MEAS = ‘1’). In the second case, the WK pin shall not be used /
assigned for any wake-up detection nor Cyclic Sense functionality, i.e. WK must be disabled in the register
WK_CTRL_1 and the level information must be ignored in the register WK_LVL_STAT.
• FO/GPIO: The pin can also be configured as a GPIO in the GPIO_CTRL register. In this case, the pin shall not
be used for any fail output functionality.
The default configuration after start-up or power on reset (POR) is FO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com