Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461ES Datasheet(PDF) 86 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 86 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 82Page - Infineon Technologies AG TLE9461ES Datasheet HTML 83Page - Infineon Technologies AG TLE9461ES Datasheet HTML 84Page - Infineon Technologies AG TLE9461ES Datasheet HTML 85Page - Infineon Technologies AG TLE9461ES Datasheet HTML 86Page - Infineon Technologies AG TLE9461ES Datasheet HTML 87Page - Infineon Technologies AG TLE9461ES Datasheet HTML 88Page - Infineon Technologies AG TLE9461ES Datasheet HTML 89Page - Infineon Technologies AG TLE9461ES Datasheet HTML 90Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Supervision Functions
Datasheet
86
Rev.1.1
2019-09-27
The watchdog timer period is also the typical trigger time and defines the middle of the open window. Taking
the oscillator tolerances into account leads to a safe trigger area of:
tWD x 0.72 < safe trigger area < tWD x 1.20.
The typical closed window is defined to a width of 60% of the selected window watchdog timer period. Taking
the tolerances of the internal oscillator into account leads to the timings as defined in Figure 34.
A correct watchdog service immediately results in starting the next closed window.
If the trigger signal meets the closed window or the watchdog timer period elapses, then a watchdog reset is
created by setting the reset output RSTN Low and the SBC switches to SBC Restart or SBC Fail-Safe Mode.
Figure 34 Window Watchdog Definitions
12.2.3
Watchdog Setting Check Sum
A check sum bit is part of the SPI command to trigger the watchdog and to set the watchdog setting.
The sum of the 8 data bits in the register WD_CTRL needs to have even parity (see Equation (12.1)). This is
realized by either setting the bit CHECKSUM to 0 or 1. If the check sum is wrong, then the SPI command is
ignored, i.e. the watchdog is not triggered or the settings are not changed and the bit SPI_FAIL is set.
The checksum is calculated by taking all 8 data bits into account. The written value of the reserved bit 3 of the
WD_CTRL register is considered (even if read as ‘0’ in the SPI output) for checksum calculation, i.e. if a ‘1’ is
written on the reserved bit position, then a ‘1’ is used in the checksum calculation.
(12.1)
12.2.4
Watchdog during SBC Stop Mode
The watchdog can be disabled for SBC Stop Mode in SBC Normal Mode. For safety reasons a special sequence
must be followed in order to disable the watchdog as described in Figure 35. Two different SPI bits (WD_STM_
EN_0, WD_STM_ EN_1) in the registers WK_CTRL_0 and WD_CTRL need to be set.
closed window
open window
t / [tWD_TIMER]
safe trigger area
tWD x 0.72
tWD x 1.20
uncertainty
uncertainty
tWD x 0.48
tWD x 1.80
Watchdog Timer Period (WD_TIMER)
Typ. closed window
Typ. open window
tWD x 0.6
tWD x 1.0
tWD x 0.9
CHKSUM
Bit15
… Bit8
⊕⊕
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com