Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 125 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 125 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 121Page - Advanced Micro Devices SC3200 Datasheet HTML 122Page - Advanced Micro Devices SC3200 Datasheet HTML 123Page - Advanced Micro Devices SC3200 Datasheet HTML 124Page - Advanced Micro Devices SC3200 Datasheet HTML 125Page - Advanced Micro Devices SC3200 Datasheet HTML 126Page - Advanced Micro Devices SC3200 Datasheet HTML 127Page - Advanced Micro Devices SC3200 Datasheet HTML 128Page - Advanced Micro Devices SC3200 Datasheet HTML 129Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
125
SuperI/O Module
Revision 5.1
5.5.2.7
System Power States
The system power state may be No Power, Power On,
Power Off or Power Failure. Table 5-18 indicates the
power-source combinations for each state. No other
power-source combinations are valid.
In addition, the power sources and distribution for the entire
system are illustrated in Figure 5-8 on page 124.
No Power
This state exists when no external or battery power is con-
nected to the device. This condition does not occur once a
backup battery has been connected, except in the case of
a malfunction.
Power On
This is the normal state when the system is active. This
state may be initiated by various events in addition to the
normal physical switching on of the system. In this state,
the system power supply is powered by external AC power
and produces VDIGITAL and VSB. The system and the part
are powered by VDIGITAL, with the exception of the RTC log-
ical device, which is powered by VSB.
Power Off (Suspended)
This is the normal state when the system has been
switched off and is not required to be active, but is still con-
nected to a live external AC input power source. This state
may be initiated directly or by software. The system is pow-
ered down. The RTC logical device remains active, pow-
ered by VSB.
Power Failure
This state occurs when the external power source to the
system stops supplying power, due to disconnection or
power failure on the external AC input power source. The
RTC continues to maintain timekeeping and RAM data
under battery power (VBAT), unless the oscillator stop bit
was set in the RTC. In this case, the oscillator stops func-
tioning if the system goes to battery power, and timekeep-
ing data becomes invalid.
System Bus Lockout
During power on or power off, spurious bus transactions
from the host may occur. To protect the RTC internal regis-
ters from corruption, all inputs are automatically locked out.
The lockout condition is asserted when VSB is lower than
VSBON.
Power-Up Detection
When system power is restored after a power failure or
power off state (VSB = 0), the lockout condition continues
for a delay of 62 ms (minimum) to 125 ms (maximum) after
the RTC switches from battery to system power.
The lockout condition is switched off immediately in the fol-
lowing situations:
• If the Divider Chain Control bits, DV[2:0], (CRA bits [6:4])
specify a normal operation mode (01x or 100), all input
signals are enabled immediately upon detection of
system voltage above VSBON.
• When battery voltage is below VBATDCT and HMR is 1,
all input signals are enabled immediately upon detection
of system voltage above VSBON. This also initializes
registers at offsets 00h through 0Dh.
• If bit 7 (VRT) of CRD is 0, all input signals are enabled
immediately upon detection of system voltage above
VSBON.
5.5.2.8
Oscillator Activity
The RTC oscillator is active if:
• VSB power supply is higher than VSBON, independent of
the battery voltage, VBAT
-or-
• VBAT power supply is higher than VBATMIN, regardless if
VSB is present or not.
The RTC oscillator is disabled if:
• During power-down (VBAT only), the battery voltage
drops below VBATMIN. When this occurs, the oscillator
may be disabled and its functionality cannot be guaran-
teed.
-or-
• Software wrote 00x to DV[2:0] bits of the CRA Register
and VSB is removed. This disables the oscillator and
decreases the power consumption from the battery
connected to VBAT. When disabling the oscillator, the
CMOS RAM is not affected as long as the battery is
present at a correct voltage level.
If the RTC oscillator becomes inactive, the following fea-
tures are dysfunctional/disabled:
• Timekeeping.
• Periodic interrupt.
• Alarm.
Table 5-18. System Power States
VDIGITAL
VSB
VBAT
Power State
−−−
No Power
−−
+
Power Failure
−
+
+ or -
Power Off
+
+
+ or -
Power On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com