Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 128 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 128 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 124Page - Advanced Micro Devices SC3200 Datasheet HTML 125Page - Advanced Micro Devices SC3200 Datasheet HTML 126Page - Advanced Micro Devices SC3200 Datasheet HTML 127Page - Advanced Micro Devices SC3200 Datasheet HTML 128Page - Advanced Micro Devices SC3200 Datasheet HTML 129Page - Advanced Micro Devices SC3200 Datasheet HTML 130Page - Advanced Micro Devices SC3200 Datasheet HTML 131Page - Advanced Micro Devices SC3200 Datasheet HTML 132Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 447 page
background image
128
AMD Geode™ SC3200 Processor Data Book
SuperI/O Module
Revision 5.1
Index 03h
Minutes Alarm Register - MINA (R/W)
Reset Type: VPP PUR
7:0
Minutes Alarm Data. Values can be 00 to 59 in BCD format, or 00 to 3B in binary format.
When bits 7 and 6 are both set to 1, unconditional match is selected. See Section 5.5.2.5 "Alarms" on page 123 for more
information about “unconditional” matches.
Index 04h
Hours Register - HOR (R/W)
Reset Type: VPP PUR
7:0
Hours Data. For 12-hour mode, values can be 01 to 12 (AM) and 81 to 92 (PM) in BCD format, or 01 to 0C (AM) and 81 to
8C (PM) in binary format. For 24-hour mode, values can be 0- to 23 in BCD format or 00 to 17 in binary format.
Index 05h
Hours Alarm Register - HORA (R/W)
Reset Type: VPP PUR
7:0
Hours Alarm Data. For 12-hour mode, values may be 01 to 12 (AM) and 81 to 92 (PM) in BCD format or 01 to 0C (AM) and
81 to 8C (PM) in Binary format. For 24-hour mode, values may be 0- to 23 in BCD format or 00 to 17 in Binary format.
When bits 7 and 6 are both set to one (“11”), unconditional match is selected.
Index 06h
Day of Week Register - DOW (R/W)
Reset Type: VPP PUR
7:0
Day Of Week Data. Values may be 01 to 07 in BCD format or 01 to 07 in binary format.
Index 07h
Date of Month Register - DOM (R/W)
Reset Type: VPP PUR
7:0
Date Of Month Data. Values may be 01 to 31 in BCD format or 01 to 1F in binary format.
Index 08h
Month Register - MON (R/W)
Reset Type: VPP PUR
Width: Byte
7-0
Month Data. Values may be 01 to 12 in BCD format or 01 to 0C in binary format.
Index 09h
Year Register - YER (R/W)
Reset Type: VPP PUR
7:0
Year Data. Values may be 00 to 99 in BCD format or 00 to 63 in binary format.
Index 0Ah
RTC Control Register A - CRA (R/W)
Reset Type: Bit Specific
This register controls test selection, among other functions. This register cannot be written before reading bit 7 of CRD.
7
Update in Progress. (RO) This bit is not affected by reset. This bit reads 0 when bit 7 of the CRB Register is 1.
0: Timing registers not updated within 244
µs.
1: Timing registers updated within 244
µs.
6:4
Divider Chain Control. These bits control the configuration of the divider chain for timing generation and register bank
selection. See Table 5-21 on page 130. They are cleared to 000 as long as bit 7 of CRD is 0.
3:0
Periodic Interrupt Rate Select. These bits select one of fifteen output taps from the clock divider chain to control the rate of
the periodic interrupt. See Table 5-22 on page 130 and Figure 5-7 on page 122. They are cleared to 000 as long as bit 7 of
CRD is 0.
Index 0Bh
RTC Control Register B - CRB (R/W)
Reset Type: Bit Specific
7
Set Mode. This bit is reset at VPP power-up reset only.
0: Timing updates occur normally.
1: User copy of time is “frozen”, allowing the time registers to be accessed whether or not an update occurs.
6
Periodic Interrupt. Bits [3:0] of the CRA Register determine the rate at which this interrupt is generated. It is cleared to 0 on
RTC reset (i.e., hardware or software reset) or when RTC is disable.
0: Disable.
1: Enable.
5
Alarm Interrupt. This interrupt is generated immediately after a time update in which the seconds, minutes, hours, date and
month time equal their respective alarm counterparts. It is cleared to 0 as long as bit 7 of the CRD Register is reads 0.
0: Disable.
1: Enable.
4
Update Ended Interrupt. This interrupt is generated when an update occurs. It is cleared to 0 on RTC reset (i.e., hardware
or software reset) or when the RTC is disable.
0: Disable.
1: Enable.
Table 5-20. RTC Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com