Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 131 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 131 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 127Page - Advanced Micro Devices SC3200 Datasheet HTML 128Page - Advanced Micro Devices SC3200 Datasheet HTML 129Page - Advanced Micro Devices SC3200 Datasheet HTML 130Page - Advanced Micro Devices SC3200 Datasheet HTML 131Page - Advanced Micro Devices SC3200 Datasheet HTML 132Page - Advanced Micro Devices SC3200 Datasheet HTML 133Page - Advanced Micro Devices SC3200 Datasheet HTML 134Page - Advanced Micro Devices SC3200 Datasheet HTML 135Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
131
SuperI/O Module
Revision 5.1
5.5.3.1
Usage Hints
1)
Read bit 7 of CRD at each system power-up to vali-
date the contents of the RTC registers and the CMOS
RAM. When this bit is 0, the contents of these regis-
ters and the CMOS RAM are questionable. This bit is
reset when the backup battery voltage is too low. The
voltage level at which this bit is reset is below the mini-
mum recommended battery voltage, 2.4V. Although
the RTC oscillator may function properly and the regis-
ter contents may be correct at lower than 2.4V, this bit
is reset since correct functionality cannot be guaran-
teed. System BIOS may use a checksum method to
revalidate the contents of the CMOS-RAM. The check-
sum byte should be stored in the same CMOS RAM.
2)
Change the backup battery while normal operating
power is present, and not in backup mode, to maintain
valid time and register information. If a low leakage
capacitor is connected to VBAT, the battery may be
changed in backup mode.
3)
A rechargeable NiCd battery may be used instead of a
non-rechargeable Lithium battery. This is a preferred
solution for portable systems, where small size com-
ponents is essential.
4)
A supercap capacitor may be used instead of the nor-
mal Lithium battery. In a portable system usually the
VSB voltage is always present since the power man-
agement stops the system before its voltage falls to
low. The supercap capacitor in the range of 0.047-
0.47 F should supply the power during the battery
replacement.
5.5.4
RTC General-Purpose RAM Map
Table 5-24. Standard RAM Map
Index
Description
0Eh - 7Fh
Battery-backed general-purpose 111-
byte RAM.
Table 5-25. Extended RAM Map
Index
Description
00h - 7Fh
Battery-backed general-purpose 128-
byte RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com