Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 135 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 135 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 131Page - Advanced Micro Devices SC3200 Datasheet HTML 132Page - Advanced Micro Devices SC3200 Datasheet HTML 133Page - Advanced Micro Devices SC3200 Datasheet HTML 134Page - Advanced Micro Devices SC3200 Datasheet HTML 135Page - Advanced Micro Devices SC3200 Datasheet HTML 136Page - Advanced Micro Devices SC3200 Datasheet HTML 137Page - Advanced Micro Devices SC3200 Datasheet HTML 138Page - Advanced Micro Devices SC3200 Datasheet HTML 139Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
135
SuperI/O Module
Revision 5.1
Table 5-30. Bank 1 - CEIR Wakeup Configuration and Control Registers
Bit
Description
Bank 1, Offset 03h
CEIR Wakeup Control Register - IRWCR (R/W)
Reset Value: 00h
This register is set to 00h on power-up of VPP or software reset.
7:6
Reserved.
5:4
CEIR Protocol Select.
00: RC5
01: NEC/RCA
1x: Reserved
3
Reserved.
2
Invert IRRX Input.
0: Not inverted. (Default)
1: Inverted.
1
Reserved.
0
CEIR Enable.
0: Disable. (Default)
1: Enable.
Bank 1, Offset 04h
Reserved
Bank 1, Offset 05h
CEIR Wakeup Address Register - IRWAD (R/W)
Reset Value: 00h
This register defines the station address to be compared with the address contained in the incoming CEIR message. If CEIR is enabled
(bit 0 of the IRWCR register is 1) and an address match occurs, then bit 5 of the WKSR register is set to 1.
This register is set to 00h on power-up of VPP or software reset.
7:0
CEIR Wakeup Address
Bank 1, Offset 06h
CEIR Wakeup Mask Register - IRWAM (R/W)
Reset Value: E0h
Each bit in this register determines whether the corresponding bit in the IRWAD register takes part in the address comparison. Bits 5, 6,
and 7 must be set to 1 if the RC-5 protocol is selected.
This register is set to E0h on power-up of VPP or software reset.
7:0
CEIR Wakeup Address Mask.
•
If the corresponding bit is 0, the address bit is not masked (enabled for compare).
•
If the corresponding bit is 1, the address bit is masked (ignored during compare).
Bank 1, Offset 07h
CEIR Address Shift Register - ADSR (RO)
Reset Value: 00h
This register holds the received address to be compared with the address contained in the IRWAD register.
This register is set to 00h on power-up of VPP or software reset.
7:0
CEIR Address.
CEIR Wakeup Range 0 Registers
These two registers (IRWTR0L and IRWTR0H) define the low and high limits of time range 0 (see Table 5-26 on page 132). The values
are represented in units of 0.1 ms.
•
RC-5 protocol: The bit cell width must fall within this range for the cell to be considered valid. The nominal cell width is 1.778 ms for a
36 KHz carrier. IRWTR0L and IRWTR0H should be set to 10h and 14h, respectively. (Default)
•
NEC protocol: The time distance between two consecutive CEIR pulses that encodes a bit value of 0 must fall within this range. The
nominal distance for a 0 is 1.125 ms for a 38 KHz carrier. IRWTR0L and IRWTR0H should be set to 09h and 0Dh, respectively.
Bank 1, Offset 08h
IRWTR0L Register (R/W)
Reset Value: 10h
This register is set to 10h on power-up of VPP or software reset.
7:5
Reserved.
4:0
CEIR Pulse Change, Range 0, Low Limit.
Bank 1, Offset 09h
IRWTR0H Register (R/W)
Reset Value: 14h
This register is set to 14h on power-up of VPP or software reset.
7:5
Reserved.
4:0
CEIR Pulse Change, Range 0, High Limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com