Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 134 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 134 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 130Page - Advanced Micro Devices SC3200 Datasheet HTML 131Page - Advanced Micro Devices SC3200 Datasheet HTML 132Page - Advanced Micro Devices SC3200 Datasheet HTML 133Page - Advanced Micro Devices SC3200 Datasheet HTML 134Page - Advanced Micro Devices SC3200 Datasheet HTML 135Page - Advanced Micro Devices SC3200 Datasheet HTML 136Page - Advanced Micro Devices SC3200 Datasheet HTML 137Page - Advanced Micro Devices SC3200 Datasheet HTML 138Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 447 page
background image
134
AMD Geode™ SC3200 Processor Data Book
SuperI/O Module
Revision 5.1
Table 5-29. Banks 0 and 1 - Common Control and Status Registers
Bit
Description
Offset 00h
Wakeup Events Status Register - WKSR (R/W1C)
Reset Value: 00h
This register is set to 00h on power-up of VPP or software reset. It indicates which wakeup event and/or PME occurred. (See Section
6.2.9.4 "Power Management Events" on page 176.)
7
Reserved.
6
Reserved. Must be set to 0.
5
IRRX1 (CEIR) Event Status. This sticky bit shows the status of the CEIR event detection.
0: Event not detected. (Default)
1: Event detected.
4:2
Reserved.
1
RI2# Event Status. This sticky bit shows the status of RI2# event detection.
0: Event not detected. (Default)
1: Event detected.
0
SDATA_IN2 Event Status. This sticky bit shows the status of Audio Codec event detection.
0: Event not detected. (Default)
1: Event detected.
Offset 01h
Wakeup Events Control Register - WKCR (R/W)
Reset Value: 03h
This register is set to 03h on power-up of VPP or software reset. Detected wakeup events that are enabled issue a power-up request the
ACPI controller and/or a PME to the Core Logic module. (See Section 6.2.9.4 "Power Management Events" on page 176.)
7
Reserved.
6
Reserved. Must be set to 0.
5
IRRX1 (CEIR) Event Enable.
0: Disable. (Default)
1: Enable.
4:2
Reserved.
1
RI2# Event Enable.
0: Disable.
1: Enable. (Default)
0
SDATA_IN2 Event Enable.
0: Disable.
1: Enable. (Default)
Offset 02h
Wakeup Configuration Register - WKCFG (R/W)
Reset Value: 00h
This register is set to 00h on power-up of VPP or software reset. It enables access to CEIR registers.
7:5
Reserved.
4
Reserved. Must be set to 0.
3
Reserved. Must be set to 0.
2
Reserved.
1:0
Configuration Bank Select Bits.
00: Only shared registers are accessible.
01: Shared registers and Bank 1 (CEIR) registers are accessible.
10: Bank selected.
11: Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com