Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 138 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 138 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 134Page - Advanced Micro Devices SC3200 Datasheet HTML 135Page - Advanced Micro Devices SC3200 Datasheet HTML 136Page - Advanced Micro Devices SC3200 Datasheet HTML 137Page - Advanced Micro Devices SC3200 Datasheet HTML 138Page - Advanced Micro Devices SC3200 Datasheet HTML 139Page - Advanced Micro Devices SC3200 Datasheet HTML 140Page - Advanced Micro Devices SC3200 Datasheet HTML 141Page - Advanced Micro Devices SC3200 Datasheet HTML 142Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 447 page
background image
138
AMD Geode™ SC3200 Processor Data Book
SuperI/O Module
Revision 5.1
5.7.3
Acknowledge (ACK) Cycle
The ACK cycle consists of two signals: the ACK clock pulse
sent by the master with each byte transferred, and the ACK
signal sent by the receiving device (see Figure 5-15).
The master generates the ACK clock pulse on the ninth
clock pulse of the byte transfer. The transmitter releases
the ABD line (permits it to go high) to allow the receiver to
send the ACK signal. The receiver must pull down the ABD
line during the ACK clock pulse, signalling that it has cor-
rectly received the last data byte and is ready to receive the
next byte. Figure 5-16 illustrates the ACK cycle.
Figure 5-15. ACCESS.bus Data Transaction
Figure 5-16. ACCESS.bus Acknowledge Cycle
S
P
Start
Condition
Stop
Condition
ABD
ABC
MSB
ACK
ACK
12 3 - 6
7
8
9
1
23 - 8
9
Acknowledge
Signal From Receiver
Byte Complete
Interrupt Within
Receiver
Clock Line Held
Low by Receiver
While Interrupt
is Serviced
S
Start
Condition
ABC
12 3 - 6
7
8
9
Transmitter Stays Off Bus
During Acknowledge Clock
Acknowledge
Signal From Receiver
Data Output
by Transmitter
Data Output
by Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com