Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 136 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 136 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 132Page - Advanced Micro Devices SC3200 Datasheet HTML 133Page - Advanced Micro Devices SC3200 Datasheet HTML 134Page - Advanced Micro Devices SC3200 Datasheet HTML 135Page - Advanced Micro Devices SC3200 Datasheet HTML 136Page - Advanced Micro Devices SC3200 Datasheet HTML 137Page - Advanced Micro Devices SC3200 Datasheet HTML 138Page - Advanced Micro Devices SC3200 Datasheet HTML 139Page - Advanced Micro Devices SC3200 Datasheet HTML 140Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 447 page
background image
136
AMD Geode™ SC3200 Processor Data Book
SuperI/O Module
Revision 5.1
CEIR Wakeup Range 1 Registers
These two registers (IRWTR1L and IRWTR1H) define the low and high limits of time range 1 (see Table 5-26 on page 132). The values
are represented in units of 0.1 ms.
•
RC-5 protocol: The pulse width defining a half-bit cell must fall within this range in order for the cell to be considered valid. The
nominal pulse width is 0.889 for a 38 KHz carrier. IRWTR1L and IRWTR1H should be set to 07h and 0Bh, respectively. (Default)
•
NEC protocol: The time between two consecutive CEIR pulses that encodes a bit value of 1 must fall within this range. The nominal
time for a 1 is 2.25 ms for a 36 KHz carrier. IRWTR1L and IRWTR1H should be set to 14h and 19h, respectively.
Bank 1, Offset 0Ah
IRWTR1L Register (R/W)
Reset Value: 07h
This register is set to 07h on power-up of VPP or software reset.
7:5
Reserved.
4:0
CEIR Pulse Change, Range 1, Low Limit.
Bank 1, Offset 0Bh
IRWTR1H Register (R/W)
Reset Value: 0Bh
This register is set to 0Bh on power-up of VPP or software reset.
7:5
Reserved.
4:0
CEIR Pulse Change, Range 1, High Limit.
CEIR Wakeup Range 2 Registers
These two registers (IRWTR2L and IRWTR2H) define the low and high limits of time range 2 (see Table 5-26 on page 132). The values
are represented in units of 0.1 ms.
•
RC-5 protocol: These registers are not used when the RC-5 protocol is selected.
•
NEC protocol: The header pulse width must fall within this range in order for the header to be considered valid. The nominal value is
9 ms for a 38 KHz carrier. IRWTR2L and IRWTR2H should be set to 50h and 64h, respectively. (Default)
Bank 1, Offset 0Ch
IRWTR2L Register (R/W)
Reset Value: 50h
This register is set to 50h on power-up of VPP or software reset.
7:0
CEIR Pulse Change, Range 2, Low Limit.
Bank 1, Offset 0Dh
IRWTR2H Register (R/W)
Reset Value: 64h
This register is set to 64h on power-up of VPP or software reset.
7:0
CEIR Pulse Change, Range 2, High Limit.
CEIR Wakeup Range 3 Registers
These two registers (IRWTR3L and IRWTR3H) define the low and high limits of time range 3 (see Table 5-26 on page 132). The values
are represented in units of 0.1 ms.
•
RC-5 protocol: These registers are not used when the RC-5 protocol is selected.
•
NEC protocol: The post header gap width must fall within this range in order for the gap to be considered valid. The nominal value is
4.5 ms for a 36 KHz carrier. IRWTR3L and IRWTR3H should be set to 28h and 32h, respectively. (Default)
Bank 1, Offset 0Eh
IRWTR3L Register (R/W)
Reset Value: 28h
This register is set to 28h on power-up of VPP or software reset.
7:0
CEIR Pulse Change, Range 3, Low Limit.
Bank 1, Offset 0Fh
IRWTR3H Register (R/W)
Reset Value: 32h
This register is set to 32h on power-up of VPP or software reset.
7:0
CEIR Pulse Change, Range 3, High Limit.
Table 5-30. Bank 1 - CEIR Wakeup Configuration and Control Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com