Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 133 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 133 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 129Page - Advanced Micro Devices SC3200 Datasheet HTML 130Page - Advanced Micro Devices SC3200 Datasheet HTML 131Page - Advanced Micro Devices SC3200 Datasheet HTML 132Page - Advanced Micro Devices SC3200 Datasheet HTML 133Page - Advanced Micro Devices SC3200 Datasheet HTML 134Page - Advanced Micro Devices SC3200 Datasheet HTML 135Page - Advanced Micro Devices SC3200 Datasheet HTML 136Page - Advanced Micro Devices SC3200 Datasheet HTML 137Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
133
SuperI/O Module
Revision 5.1
5.6.2
SWC Registers
The SWC registers are organized in two banks. The offsets
are related to a base address that is determined by the
SWC Base Address Register in the logical device configu-
ration. The lower three registers are common to the two
banks while the upper registers (03h-0Fh) are divided as
follows:
• Bank 0 holds reserved registers.
• Bank 1 holds the CEIR Control Registers.
The active bank is selected through the Configuration Bank
Select field (bits [1:0]) in the Wakeup Configuration Regis-
ter (WKCFG). See Table 5-29 on page 134.
The tables that follow provide register maps and bit defini-
tions for Banks 0 and 1.
Table 5-27. Banks 0 and 1 - Common Control and Status Register Map
Offset
Type
Name
Reset
Value
00h
R/W1C
WKSR. Wakeup Events Status Register
00h
01h
R/W
WKCR. Wakeup Events Control Register
03h
02h
R/W
WKCFG. Wakeup Configuration Register
00h
Table 5-28. Bank 1 - CEIR Wakeup Configuration and Control Register Map
Offset
Type
Name
Reset
Value
03h
R/W
IRWCR. CEIR Wakeup Control Register
00h
04h
---
RSVD. Reserved
---
05h
R/W
IRWAD. CEIR Wakeup Address Register
00h
06h
R/W
IRWAM. CEIR Wakeup Address Mask Register
E0h
07h
RO
ADSR. CEIR Address Shift Register
00h
08h
R/W
IRWTR0L. CEIR Wakeup, Range 0, Low Limit Register
10h
09h
R/W
IRWTR0H. CEIR Wakeup, Range 0, High Limit Register
14h
0Ah
R/W
IRWTR1L. CEIR Wakeup, Range 1, Low Limit Register
07h
0Bh
R/W
IRWTR1H. CEIR Wakeup, Range 1, High Limit Register
0Bh
0Ch
R/W
IRWTR2L. CEIR Wakeup, Range 2, Low Limit Register
50h
0Dh
R/W
IRWTR2H. CEIR Wakeup, Range 2, High Limit Register
64h
0Eh
R/W
IRWTR3L. CEIR Wakeup, Range 3, Low Limit Register
28h
0Fh
R/W
IRWTR3H. CEIR Wakeup, Range 3, High Limit Register
32h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com