Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 129 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 129 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 125Page - Advanced Micro Devices SC3200 Datasheet HTML 126Page - Advanced Micro Devices SC3200 Datasheet HTML 127Page - Advanced Micro Devices SC3200 Datasheet HTML 128Page - Advanced Micro Devices SC3200 Datasheet HTML 129Page - Advanced Micro Devices SC3200 Datasheet HTML 130Page - Advanced Micro Devices SC3200 Datasheet HTML 131Page - Advanced Micro Devices SC3200 Datasheet HTML 132Page - Advanced Micro Devices SC3200 Datasheet HTML 133Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
129
SuperI/O Module
Revision 5.1
3
Reserved. This bit is defined as “Square Wave Enable” by the MC146818 and is not supported by the RTC. This bit is
always read as 0.
2
Data Mode. This bit is reset at VPP power-up reset only.
0: Enable BCD format.
1: Enable Binary format.
1
Hour Mode. This bit is reset at VPP power-up reset only.
0: Enable 12-hour format.
1: Enable 24-hour format.
0
Daylight Saving. This bit is reset at VPP power-up reset only.
0: Disable.
1: Enable:
- In the spring, time advances from1:59:59 AM to 3:00:00 AM on the first Sunday in April.
- In the fall, time returns from 1:59:59 AM to 1:00:00 AM on the last Sunday in October.
Index 0Ch
RTC Control Register C - CRC (RO)
Reset Type: Bit Specific
7
IRQ Flag. Mirrors the value on the interrupt output signal. When interrupt is active, IRQF is 1. To clear this bit (and deacti-
vate the interrupt pin), read the CRC Register as the flag bits UF, AF and PF are cleared after reading this register.
0: IRQ inactive.
1: Logic equation is true: ((UIE and UF) or (AIE and AF) or (PIE and PF)).
6
Periodic Interrupt Flag. Cleared to 0 on RTC reset (i.e., hardware or software reset) or the RTC disabled. In addition, this
bit is cleared to 0 when this register is read.
0: No transition occurred on the selected tap since the last read.
1: Transition occurred on the selected tap of the divider chain.
5
Alarm Interrupt Flag. Cleared to 0 as long as bit 7 of the CRD Register is reads 0. In addition, this bit is cleared to 0 when
this register is read.
0: No alarm detected since the last read.
1: Alarm condition detected.
4
Update Ended Interrupt Flag. Cleared to 0 on RTC reset (i.e., hardware or software reset) or the RTC disabled. In addi-
tion, this bit is cleared to 0 when this register is read.
0: No update occurred since the last read.
1: Time registers updated.
3:0
Reserved.
Index 0Dh
RTC Control Register D - CRD (RO)
Reset Type: VPP PUR
7
Valid RAM and Time. This bit senses the voltage that feeds the RTC (VSB or VBAT) and indicates whether or not it was
too low since the last time this bit was read. If it was too low, the RTC contents (time/calendar registers and CMOS RAM) is
not valid.
0: The voltage that feeds the RTC was too low.
1: RTC contents (time/calendar registers and CMOS RAM) are valid.
6:0
Reserved.
Index Programmable
Date of Month Alarm Register - DOMA (R/W)
Reset Type: VPP PUR
7:0
Date of Month Alarm Data. Values may be 01 to 31 in BCD format or 01 to 1F in Binary format.
When bits 7 and 6 are both set to one (“11”), unconditional match is selected. (Default)
Index Programmable
Month Alarm Register - MONA (R/W)
Reset Type: VPP PUR
7:0
Month Alarm Data. Values may be 01 to 12 in BCD format or 01 to 0C in Binary format.
When bits 7 and 6 are both set to one (“11”), unconditional match is selected. (Default)
Index Programmable
Century Register - CEN (R/W)
Reset Type: VPP PUR
7:0
Century Data. Values may be 00 to 99 in BCD format or 00 to 63 in Binary format.
Table 5-20. RTC Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com