Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 126 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 126 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 122Page - Advanced Micro Devices SC3200 Datasheet HTML 123Page - Advanced Micro Devices SC3200 Datasheet HTML 124Page - Advanced Micro Devices SC3200 Datasheet HTML 125Page - Advanced Micro Devices SC3200 Datasheet HTML 126Page - Advanced Micro Devices SC3200 Datasheet HTML 127Page - Advanced Micro Devices SC3200 Datasheet HTML 128Page - Advanced Micro Devices SC3200 Datasheet HTML 129Page - Advanced Micro Devices SC3200 Datasheet HTML 130Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 447 page
background image
126
AMD Geode™ SC3200 Processor Data Book
SuperI/O Module
Revision 5.1
5.5.2.9
Interrupt Handling
The RTC has a single Interrupt Request line which handles
the following three interrupt conditions:
• Periodic interrupt.
• Alarm interrupt.
• Update end interrupt.
The interrupts are generated if the respective enable bits in
the CRB register are set prior to an interrupt event occur-
rence. Reading the CRC register clears all interrupt flags.
Thus, when multiple interrupts are enabled, the interrupt
service routine should first read and store the CRC regis-
ter, and then deal with all pending interrupts by referring to
this stored status.
If an interrupt is not serviced before a second occurrence
of the same interrupt condition, the second interrupt event
is lost. Figure 5-12 illustrates the interrupt timing in the
RTC.
Figure 5-12. Interrupt/Status Timing
5.5.2.10 Battery-Backed RAMs and Registers
The RTC has two battery-backed RAMs and 17 registers,
used by the logical units themselves. Battery-backup power
enables information retention during system power down.
The RAMs are:
• Standard RAM
• Extended RAM
The memory maps and register content of the RAMs is
provided in Section 5.5.4 "RTC General-Purpose RAM
Map" on page 131.
The first 14 bytes and 3 programmable bytes of the Stan-
dard RAM are overlaid by time, alarm data and control reg-
isters. The remaining 111 bytes are general-purpose
memory.
Registers with reserved bits should be written using the
read-modify-write method.
All register locations within the device are accessed by the
RTC Index and Data registers (at base address and base
address+1). The Index register points to the register loca-
tion being accessed, and the Data register contains the
data to be transferred to or from the location. An additional
128 bytes of battery-backed RAM (also called Extended
RAM) may be accessed via a second pair of Index and
Data registers.
Access to the two RAMs may be locked. For details see
Table 5-7 on page 115.
244
µs
Bit 7
Bit 4
Bit 6
Bit 5
A
C
of CRA
of CRC
of CRC
of CRC
P/2
P/2
30.5
µs
B
P
Flags (and IRQ) are reset at the conclusion of CRC read or by
reset.
A = Update In Progress bit high before update occurs = 244
µs
B = Periodic interrupt to update = Period (periodic int) / 2 +
244
µs
C = Update to Alarm Interrupt = 30.5
µs
P = Period is programmed by RS[3:0] of CRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com