Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 142 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 142 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 138Page - Advanced Micro Devices SC3200 Datasheet HTML 139Page - Advanced Micro Devices SC3200 Datasheet HTML 140Page - Advanced Micro Devices SC3200 Datasheet HTML 141Page - Advanced Micro Devices SC3200 Datasheet HTML 142Page - Advanced Micro Devices SC3200 Datasheet HTML 143Page - Advanced Micro Devices SC3200 Datasheet HTML 144Page - Advanced Micro Devices SC3200 Datasheet HTML 145Page - Advanced Micro Devices SC3200 Datasheet HTML 146Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 447 page
background image
142
AMD Geode™ SC3200 Processor Data Book
SuperI/O Module
Revision 5.1
5.7.10
ACB Registers
Each functional block is associated with a Logical Device
Number (LDN) (see Section 5.3.2 "Banked Logical Device
Registers" on page 108). ACCESS.Bus Port 1 is assigned
as LDN 05h and ACCESS.bus Port 2 as LDN 06h. In addi-
tion to the registers listed here, there are additional config-
uration registers listed in Section 5.4.2.5 "LDN 05h and 06h
- ACCESS.bus Ports 1 and 2" on page 119.
Table 5-31. ACB Register Map
Offset
Type
Name
Reset
Value
00h
R/W
ACBSDA. ACB Serial Data
xxh
01h
R/W
ACBST. ACB Status
00h
02h
R/W
ACBCST. ACB Control Status
00h
03h
R/W
ACBCTL1. ACB Control 1
00h
04h
R/W
ACBADDR. ACB Own Address
xxh
05h
R/W
ACBCTL2. ACB Control 2
00h
Table 5-32. ACB Registers
Bit
Description
Offset 00h
ACB Serial Data Register - ACBSDA (R/W)
Reset Value: xxh
7:0
ACB Serial Data. This shift register is used to transmit and receive data. The most significant bit is transmitted (received)
first, and the least significant bit is transmitted last. Reading or writing to ACBSDA is allowed only when ACBST[6] is set, or
for repeated starts after setting the ACBCTL1[0]. An attempt to access the register in other cases may produce unpredict-
able results.
Offset 01h
ACB Status Register - ACBST (R/W)
Reset Value: 00h
This is a read register with a special clear. Some of its bits may be cleared by software, as described below. This register maintains the
current ACB status. On reset, and when the ACB is disabled, ACBST is cleared (00h).
7
SLVSTP (Slave Stop). (R/W1C) Writing 0 to SLVSTP is ignored.
0: Writing 1 or ACB disabled.
1: Stop Condition detected after a slave transfer in which ACBCST[2] or ACBCST[3] was set.
6
SDAST (SDA Status). (RO)
0: Reading from ACBSDA during a receive, or when writing to it during a transmit. When ACBCTL1[0] is set, reading ACB-
SDA does not clear SDAST. This enables ACB to send a repeated start in master receive mode.
1: SDA Data Register awaiting data (transmit - master or slave) or holds data that should be read (receive - master or
slave).
5
BER (Bus Error). (R/W1C) Writing 0 to this bit is ignored.
0: Writing 1 or ACB disabled.
1: Start or Stop Condition detected during data transfer (i.e., Start or Stop Condition during the transfer of bits [8:2] and
acknowledge cycle), or when an arbitration problem detected.
4
NEGACK (Negative Acknowledge). (R/W1C) Writing 0 to this bit is ignored.
0: Writing 1 or ACB disabled.
1: Transmission not acknowledged on the ninth clock (In this case, SDAST (bit 6) is not set).
3
STASTR (Stall After Start). (R/W1C) Writing 0 to this bit is ignored.
0: Writing 1 or ACB disabled.
1: Address sent successfully (i.e., a Start Condition sent without a bus error, or Negative Acknowledge), if ACBCTL1[7] is
set. This bit is ignored in slave mode. When STASTR is set, it stalls the ACCESS.bus by pulling down the ABC line, and
suspends any further action on the bus (e.g., receive of first byte in master receive mode). In addition, if ACBCTL1[1] is
set, it also causes the ACB to send an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com