Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 145 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 145 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 141Page - Advanced Micro Devices SC3200 Datasheet HTML 142Page - Advanced Micro Devices SC3200 Datasheet HTML 143Page - Advanced Micro Devices SC3200 Datasheet HTML 144Page - Advanced Micro Devices SC3200 Datasheet HTML 145Page - Advanced Micro Devices SC3200 Datasheet HTML 146Page - Advanced Micro Devices SC3200 Datasheet HTML 147Page - Advanced Micro Devices SC3200 Datasheet HTML 148Page - Advanced Micro Devices SC3200 Datasheet HTML 149Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
145
SuperI/O Module
Revision 5.1
5.8
Legacy Functional Blocks
This section briefly describes the following blocks that pro-
vide legacy device functions:
• Parallel Port. (Similar to Parallel Port in the National
Semiconductor PC87338.)
• Serial Port 1 and Serial Port 2 (SP1 and SP2), UART
functionality for both SP1 and SP2. (Similar to SCC1 in
the National Semiconductor PC87338.)
• Infrared Communications Port / Serial Port 3 function-
ality. (Similar to SCC2 in the National Semiconductor
PC87338.)
The description of each Legacy block includes a general
description, register maps, and bit maps.
5.8.1
Parallel Port
The Parallel Port supports all IEEE1284 standard commu-
nication modes: Compatibility (known also as Standard or
SPP), Bidirectional (known also as PS/2), FIFO, EPP
(known also as Mode 4) and ECP (with an optional
Extended ECP mode).
5.8.1.1
Parallel Port Register and Bit Maps
The Parallel Port register maps (Table 5-33 and Table 5-
34) are grouped according to first and second level offsets.
EPP and second level offset registers are available only
when the base address is 8-byte aligned.
Parallel Port functional block bit maps are shown in Table
5-35 and Table 5-36.
Table 5-33. Parallel Port Register Map for First Level Offset
First Level Offset
Type
Name
Modes (ECR Bits) 7 6 5
000h
R/W
DATAR. PP Data
000 or 001
000h
W
AFIFO. ECP Address FIFO
011
001h
RO
DSR. Status
All Modes
002h
R/W
DCR. Control
All Modes
003h
R/W
ADDR. EPP Address
100
004h
R/W
DATA0. EPP Data Port 0
100
005h
R/W
DATA1. EPP Data Port 1
100
006h
R/W
DATA2. EPP Data Port 2
100
007h
R/W
DATA3. EPP Data Port 3
100
400h
W
CFIFO. PP Data FIFO
010
400h
R/W
DFIFO. ECP Data FIFO
011
400h
R/W
TFIFO. Test FIFO
110
400h
RO
CNFGA. Configuration A
111
401h
RO
CNFGB. Configuration B
111
402h
R/W
ECR. Extended Control
All Modes
403h
R/W
EIR. Extended Index
All Modes
404h
R/W
EDR. Extended Data
All Modes
405h
R/W
EAR. Extended Auxiliary Status
All Modes
Table 5-34. Parallel Port Register Map for Second Level Offset
Second Level Offset
Type
Name
00h
R/W
Control0. Control Register 0
02h
R/W
Control2. Control Register 2
04h
R/W
Control4. Control Register 4
05h
R/W
PP Confg0. Parallel Port Configuration Register 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com