Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 144 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 144 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 140Page - Advanced Micro Devices SC3200 Datasheet HTML 141Page - Advanced Micro Devices SC3200 Datasheet HTML 142Page - Advanced Micro Devices SC3200 Datasheet HTML 143Page - Advanced Micro Devices SC3200 Datasheet HTML 144Page - Advanced Micro Devices SC3200 Datasheet HTML 145Page - Advanced Micro Devices SC3200 Datasheet HTML 146Page - Advanced Micro Devices SC3200 Datasheet HTML 147Page - Advanced Micro Devices SC3200 Datasheet HTML 148Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 447 page
background image
144
AMD Geode™ SC3200 Processor Data Book
SuperI/O Module
Revision 5.1
4
ACK (Acknowledge). This bit is ignored in transmit mode. When the device acts as a receiver (slave or master), this bit
holds the stop transmitting instruction that is transmitted during the next acknowledge cycle.
0: Cleared after acknowledge cycle.
1: Negative acknowledge issued on next received byte.
3
Reserved.
2
INTEN (Interrupt Enable).
0: ACB interrupt disabled.
1: ACB interrupt enabled. An interrupt is generated in response to one of the following events:
-Detection of an address match (ACBST[2] = 1) and ACBCTL1[6] = 1.
-Receipt of Bus Error (ACBST[5] = 1).
-Receipt of Negative Acknowledge after sending a byte (ACBST[4] = 1).
-Acknowledge of each transaction (same as the hardware set of the ACBST[6]).
-In master mode if ACBCTL1[7] = 1, after a successful start (ACBST[3] = 1).
-Detection of a Stop Condition while in slave mode (ACBST[7] = 1).
1
STOP (Stop).
0: Automatically cleared after Stop issued.
1: Setting this bit in master mode generates a Stop Condition to complete or abort current message transfer.
0
START (Start). Set this bit only when in master mode or when requesting master mode.
0: Cleared after Start Condition sent or Bus Error (ACBST[5] = 1) detected.
1: Single or repeated Start Condition generated on the ACCESS.bus. If the device is not the active master of the bus
(ACBST[1] = 0), setting START generates a Start Condition when the ACCESS.bus becomes free (ACBCST[1] = 0). An
address transmission sequence should then be performed.
If the device is the active master of the bus (ACBST[1] = 1), setting START and then writing to ACBSDA generates a
Start Condition. If a transmission is already in progress, a repeated Start Condition is generated. This condition can be
used to switch the direction of the data flow between the master and the slave, or to choose another slave device without
separating them with a Stop Condition.
Offset 04h
ACB Own Address Register - ACBADDR (R/W)
Reset Value: xxh
7
SAEN (Slave Address Enable).
0: ACB does not check for an address match with ACBADDR[6:0].
1: ACBADDR[6:0] holds a valid address and enables the match of ADDR to an incoming address byte.
6:0
ADDR (Address). These bits hold the 7-bit device address of the SC3200. When in slave mode, the first 7 bits received
after a Start Condition are compared with this field (first bit received is compared with bit 6, and the last bit with bit 0). If the
address field matches the received data and ACBADDR[7] is 1, a match is declared.
Offset 05h
ACB Control Register 2 - ACBCTL2 (R/W)
Reset Value: 00h
This register enables/disables the functional block and determines the ACB clock rate.
7:1
ABCFRQ (ABC Frequency). This field defines the ABC period (low and high time) when the device serves as a bus mas-
ter. The clock low and high times are defined as follows:
tABCl = tABCh = 2*ABCFRQ*tCLK
where tCLK is the module input clock cycle, as defined in the Section 5.2 "Module Architecture" on page 107.
ABCFRQ can be programmed to values in the range of 0001000b through 1111111b. Using any other value has unpredict-
able results.
0
EN (Enable).
0: ACB is disabled, ACBCTL1, ACBST and ACBCST registers are cleared, and clocks are halted.
1: ACB is enabled.
Table 5-32. ACB Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com