Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 146 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 146 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 142Page - Advanced Micro Devices SC3200 Datasheet HTML 143Page - Advanced Micro Devices SC3200 Datasheet HTML 144Page - Advanced Micro Devices SC3200 Datasheet HTML 145Page - Advanced Micro Devices SC3200 Datasheet HTML 146Page - Advanced Micro Devices SC3200 Datasheet HTML 147Page - Advanced Micro Devices SC3200 Datasheet HTML 148Page - Advanced Micro Devices SC3200 Datasheet HTML 149Page - Advanced Micro Devices SC3200 Datasheet HTML 150Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 447 page
background image
146
AMD Geode™ SC3200 Processor Data Book
SuperI/O Module
Revision 5.1
Table 5-35. Parallel Port Bit Map for First Level Offset
Offset
Name
Bits
76
54
32
10
000h
DATAR
Data Bits
AFIFO
Address Bits
001h
DSR
Printer
Status
ACK#
Status
PE
Status
SLCT
Status
ERR#
Status
RSVD
EPP
Timeout
Status
002h
DCR
RSVD
Direction
Control
Interrupt
Enable
PP Input
Control
Printer Ini-
tialization
Control
Automatic
Line Feed
Control
Data
Strobe
Control
003h
ADDR
EPP Device or Register Selection Address Bits
004h
DATA0
EPP Device or R/W Data
005h
DATA1
EPP Device or R/W Data
006h
DATA2
EPP Device or R/W Data
007h
DATA3
EPP Device or R/W Data
400h
CFIFO
Data Bits
400h
DFIFO
Data Bits
400h
TFIFO
Data Bits
400h
CNFGA
RSVD
Bit 7 of PP
Confg0
RSVD
401h
CNFGB
RSVD
Interrupt
Request
Value
Interrupt Select
RSVD
DMA Channel Select
402h
ECR
ECP Mode Control
ECP Inter-
rupt Mask
ECP DMA
Enable
ECP Inter-
rupt Ser-
vice
FIFO
Full
FIFO
Empty
403h
EIR
RSVD
Second Level Offset
404h
EDR
Data Bits
405h
EAR
FIFO Tag
RSVD
Table 5-36. Parallel Port Bit Map for Second Level Offset
Offset
Name
Bits
76
54
32
10
00h
Control0
RSVD
DCR Reg-
ister Live
Freeze Bit
RSVD
EPP Time-
out Inter-
rupt Mask
02h
Control2
SPP Com-
patibility
Channel
Address
Enable
RSVD
Revision
1.7 or 1.9
Select
RSVD
04h
Control4
RSVD
PP DMA Request Inactive Time
RSVD
PP DMA Request Active Time
05h
PP Confg0
Bit 3 of
CNFGA
Demand
DMA
Enable
ECP IRQ Channel Number
PE Inter-
nal PU or
PD
ECP DMA Channel
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com