Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 31 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 27Page - Texas Instruments ADC3641 Datasheet HTML 28Page - Texas Instruments ADC3641 Datasheet HTML 29Page - Texas Instruments ADC3641 Datasheet HTML 30Page - Texas Instruments ADC3641 Datasheet HTML 31Page - Texas Instruments ADC3641 Datasheet HTML 32Page - Texas Instruments ADC3641 Datasheet HTML 33Page - Texas Instruments ADC3641 Datasheet HTML 34Page - Texas Instruments ADC3641 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
8.3.4.2.1 FS/4 Mixing with Real Output
In this mode, the output after complex decimation gets mixed with FS/4 (FS = output data rate in this case).
Instead of a complex output with the input signal centered around 0 Hz, the output is transmitted as a real output
at twice the data rate and the signal is centered around FS/4 (Fout/4) as illustrated in Figure 8-22.
In this example, complex decimation by 8 is used. The output data is transmitted as a real output with an output
rate of Fout = FS'/4 (FS' = ADC sampling rate). The input signal is now centered around FS/4 (Fout/4) or FS'/16.
FS/2
FIN
FNCO
/8
- FIN + FNCO
)6¶
/2
FS/16
-FIN + FNCO + FS/4
)6¶
/2
FS/8
Complex
Decimation /8
FS/4 mix
Fout/4 mix
0
0
0
Figure 8-22. FS/4 Mixing with real output
8.3.4.3 Numerically Controlled Oscillator (NCO) and Digital Mixer
The decimation block is equipped with a 32-bit NCO and a digital mixer to fine tune the frequency placement
prior to the digital filtering. The oscillator generates a complex exponential sequence of:
ejωn (default) or e–jωn
where: frequency (ω) is specified as a signed number by the 32-bit register setting
The complex exponential sequence is multiplied with the real input from the ADC to mix the desired carrier to a
frequency equal to f IN + fNCO. The NCO frequency can be tuned from –FS/2 to +FS/2 and is processed as a
signed, 2s complement number. After programming a new NCO frequency, the MIXER RESTART register bit or
SYNC pin has to be toggled for the new frequency to get active. Additionally the ADC364x provides the option
via SPI to invert the mixer phase.
The NCO frequency setting is set by the 32-bit register value given and calculated as:
NCO frequency = 0 to + FS/2: NCO = fNCO × 232 / FS
NCO frequency = -FS/2 to 0: NCO = (fNCO + FS) × 232 / FS
where:
• NCO = NCO register setting (decimal value)
• fNCO = Desired NCO frequency (MHz)
• FS = ADC sampling rate (MSPS)
The NCO programming is further illustrated with this example:
• ADC sampling rate FS = 65 MSPS
• Input signal fIN = 10 MHz
• Desired output frequency fOUT = 0 MHz
For this example there are actually four ways to program the NCO and achieve the desired output frequency as
shown in Table 8-2.
Table 8-2. NCO value calculations example
Alias or negative image
fNCO
NCO Value
Mixer
Phase
Frequency translation for fOUT
fIN = –10 MHz
fNCO = 10 MHz
660764199
as is
fOUT = fIN + fNCO = –10 MHz +10 MHz = 0 MHz
fIN = 10 MHz
fNCO = –10 MHz
3634203097
fOUT = fIN + fNCO = 10 MHz + (–10 MHz) = 0 MHz
fIN = 10 MHz
fNCO = 10 MHz
660764199
inverted
fOUT = fIN – fNCO = 10 MHz – 10 MHz = 0 MHz
fIN = –10 MHz
fNCO = –10 MHz
3634203097
fOUT = fIN – fNCO = –10 MHz – (–10 MHz) = 0 MHz
www.ti.com
ADC3643
SBAS886 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com