Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 1 Page - Texas Instruments

  ADC3641 Datasheet HTML 1Page - Texas Instruments ADC3641 Datasheet HTML 2Page - Texas Instruments ADC3641 Datasheet HTML 3Page - Texas Instruments ADC3641 Datasheet HTML 4Page - Texas Instruments ADC3641 Datasheet HTML 5Page - Texas Instruments ADC3641 Datasheet HTML 6Page - Texas Instruments ADC3641 Datasheet HTML 7Page - Texas Instruments ADC3641 Datasheet HTML 8Page - Texas Instruments ADC3641 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
1 Features
• Dual channel
• 14-bit 10/25/65 MSPS ADC
• Noise floor: –155 dBFS/Hz
• Ultra-low power with optimized power scaling:
29 mW/ch (10 MSPS) to 72 mW/ch (65 MSPS)
• Latency: 1 clock cycle
• 14-Bit, no missing codes
• INL: ±0.6 LSB; DNL: ±0.2 LSB
• Reference: external or internal
• Industrial temperature range: –40°C to +105°C
• On-chip digital filter (optional)
– Decimation by 2, 4, 8, 16, 32
– 32-bit NCO
• DDR and Serial CMOS interface
• Small footprint: 40-VQFN (5 mm × 5 mm) package
• Single 1.8-V supply
• Spectral performance (fIN = 5 MHz):
– SNR: 79.0 dBFS
– SFDR: 93-dBc HD2, HD3
– SFDR: 101-dBFS worst spur
• Spectral performance (fIN = 64 MHz):
– SNR: 74.0 dBFS
– SFDR: 84-dBc HD2, HD3
– SFDR: 90-dBFS worst spur
2 Applications
• High-speed data acquisition
• Industrial monitoring
• Thermal imaging
• Imaging and sonar
• Software defined radio
• Power quality
• Communications infrastructure
• High-speed control loops
• Instrumentation
• Smart grids
• Spectroscopy
• Radar
• Source measurement unit (SMU)
• GPS receiver
• Sonar
• Substation automation
3 Description
The ADC364x family of devices are low-noise, ultra-
low power, 14-bit, 10-MSPS to 65-MSPS dual-
channel,
high-speed
analog-to-digital
converters
(ADCs). Designed for low power consumption, these
devices deliver a noise spectral density of –155
dBFS/Hz, combined with excellent linearity and
dynamic range. The ADC364x offers very good dc
precision, together with IF sampling support, which
make the device an excellent choice for a wide range
of applications. High-speed control loops benefit from
the short latency of only one clock cycle. The ADC
consumes only 72 mW/ch at 65 MSPS, and power
consumption scales well with lower sampling rates.
The ADC364x use a DDR or serial CMOS interface to
output the data offering lowest power digital interface,
together with flexibility to minimize the number of
digital interconnects. These devices are a pin-to-pin
compatible family with different speed grades. These
devices support the extended industrial temperature
range of –40 to +105⁰C.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
ADC364x
VQFN (40)
5.00 × 5.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
Device Comparison
PART NUMBER
RESOLUTION
SAMPLING RATE
ADC3643
14 BIT
65 MSPS
ADC3642(1)
14 BIT
25 MSPS
ADC3641(1)
14 BIT
10 MSPS
(1)
Product Preview
AIN
CLK
VREF
ADC
14bit
1.2V REF
REFBUF
N
Digital Downconverter
NCO
BIN
ADC
14bit
N
NCO
0.95V
VCM
DB0..6
DCLK
DA0..6
Dig I/F
CMOS
Crosspoint
Switch
ADC364x Block Diagram
www.ti.com
ADC3643
SBAS886 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: ADC3643
ADC3643
SBAS886 – OCTOBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - ADC3641

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3641 TI-ADC3641 Datasheet
4Mb / 77P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3641 TI-ADC3641 Datasheet
4Mb / 87P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
MAY 2022
ADC3641 TI-ADC3641 Datasheet
4Mb / 76P
ADC3644 14-bit, 125-MSPS, Low-noise, Low Power Dual Channel ADC
MAY 2022
ADC3641IRSBR TI-ADC3641IRSBR Datasheet
4Mb / 87P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
MAY 2022
ADC3641IRSBT TI-ADC3641IRSBT Datasheet
4Mb / 87P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
MAY 2022
More results

Similar Description - ADC3641

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3541 TI1-ADC3541 Datasheet
3Mb / 68P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
ADC3643 TI-ADC3643 Datasheet
4Mb / 77P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3563 TI-ADC3563 Datasheet
4Mb / 75P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
ADC3663 TI-ADC3663 Datasheet
4Mb / 75P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, low-noise, low power, dual-channel ADC
ADC3662 TI-ADC3662 Datasheet
4Mb / 75P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
DECEMBER 2021
ADC3541 TI-ADC3541_V01 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
APRIL 2022
ADC3641 TI-ADC3641 Datasheet
4Mb / 87P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
MAY 2022
ADC3661 TI-ADC3661 Datasheet
5Mb / 86P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3661 TI-ADC3661_V01 Datasheet
5Mb / 86P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3541 TI-ADC3541_V02 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com