Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 4 Page - Texas Instruments

  ADC3641 Datasheet HTML 1Page - Texas Instruments ADC3641 Datasheet HTML 2Page - Texas Instruments ADC3641 Datasheet HTML 3Page - Texas Instruments ADC3641 Datasheet HTML 4Page - Texas Instruments ADC3641 Datasheet HTML 5Page - Texas Instruments ADC3641 Datasheet HTML 6Page - Texas Instruments ADC3641 Datasheet HTML 7Page - Texas Instruments ADC3641 Datasheet HTML 8Page - Texas Instruments ADC3641 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
SCLK
35
I
Serial interface clock input. This pin has an internal 21 kΩ pull-down resistor.
SDIO
10
I
Serial interface data input and output. This pin has an internal 21 kΩ pull-down resistor.
SEN
16
I
Serial interface enable. Active low. This pin has an internal 21 kΩ pull-up resistor to AVDD.
DIGITAL INTERFACE
DA0
17
O
CMOS digital data output.
DA1
18
I/O
CMOS digital data output. Used as FCLK frame clock output for serialized CMOS output
modes. Configured using SPI.
DA2
19
O
CMOS digital data output.
DA3
20
O
CMOS digital data output.
DA4
22
O
CMOS digital data output.
DA5
23
O
CMOS digital data output.
DA6
24
O
CMOS digital data output.
DB0
34
O
CMOS digital data output.
DB1
33
I/O
CMOS digital data output. Used as DCLKIN bit clock input for serialized CMOS output
modes. Configured using SPI.
DB2
32
O
CMOS digital data output.
DB3
31
O
CMOS digital data output.
DB4
29
O
CMOS digital data output.
DB5
28
O
CMOS digital data output.
DB6
27
O
CMOS digital data output.
DCLK
25
O
CMOS output for data bit clock.
POWER SUPPLY
AVDD
5,15,36
I
Analog 1.8-V power supply
GND
11,14,37,40,
PowerPAD
I
Ground, 0 V
IOGND
26
I
Ground, 0 V for digital interface
IOVDD
21,30
I
1.8-V power supply for digital interface
ADC3643
SBAS886 – OCTOBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com