Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 38 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 34Page - Texas Instruments ADC3641 Datasheet HTML 35Page - Texas Instruments ADC3641 Datasheet HTML 36Page - Texas Instruments ADC3641 Datasheet HTML 37Page - Texas Instruments ADC3641 Datasheet HTML 38Page - Texas Instruments ADC3641 Datasheet HTML 39Page - Texas Instruments ADC3641 Datasheet HTML 40Page - Texas Instruments ADC3641 Datasheet HTML 41Page - Texas Instruments ADC3641 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
8.3.5 Digital Interface
The ADC364x family supports two different CMOS output modes - parallel DDR output and serialized CMOS
output formats.
8.3.5.1 Parallel CMOS Output
The low power CMOS interface supports a double data rate (DDR) output interface. In DDR output mode the
output clock is generated inside the ADC364x. The digital interface can be configured using SPI register writes.
8.3.5.2 Serialized CMOS output
In this mode the output data is serialized and transmitted over 2, 1 or 1/2 wires. Due to CMOS output speed
limitation this mode is only available for reduced output data rates. This mode is similar to the multi-SPI
interface.
In this operating mode, the ADC364x requires an external serial clock input (DCLKIN), which is used to transmit
the data out of the ADC along with the data clock (DCLK). The phase relationship between DCLKIN and the
sampling clock is irrelevant but both clocks need to be frequency locked. The serial CMOS interface is
configured using SPI register writes.
8.3.5.2.1 SDR Output Clocking
The ADC364x provides a SDR output clocking option for all serial CMOS output modes (including decimation)
which is enabled using the SPI interface. In serial CMOS mode by default the data is output on rising and falling
edge of DCLK. In SDR clocking mode, DCLKIN has to be twice as fast as the default DCLKIN so that the output
data are clocked out only on DCLK rising edge.
Internally DCLKIN is divided by 2 for data processing and this operation can add 1 extra clock cycle latency to
the ADC latency.
Continous
Clock
Sample N
Latency (2 clock cycles)
Sample N+4
DCLKIN
tAD
tPD
DCLK
Sample N+1
Sample N+2
Sample N+3
Sample N+5
Sample N+6
Sample N
DA/B5
(MSB)
DA/B6
(LSB)
FCLK
Sample N+1
Sample N+2
Sample N-1
tCD
DCLKIN
SDR
DCLK
SDR
Figure 8-38. SDR Output Clocking
ADC3643
SBAS886 – OCTOBER 2020
www.ti.com
38
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com