Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 10Page - Texas Instruments ADC3641 Datasheet HTML 11Page - Texas Instruments ADC3641 Datasheet HTML 12Page - Texas Instruments ADC3641 Datasheet HTML 13Page - Texas Instruments ADC3641 Datasheet HTML 14Page - Texas Instruments ADC3641 Datasheet HTML 15Page - Texas Instruments ADC3641 Datasheet HTML 16Page - Texas Instruments ADC3641 Datasheet HTML 17Page - Texas Instruments ADC3641 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
6.11 Typical Characteristics - ADC3643
Typical values at T A = 25 °C, ADC sampling rate F S = 65 MSPS, AIN = –1 dBFS differential input, AVDD =
IOVDD = 1.8 V, 65k FFT, external 1.6 V reference, 5 pF output load, unless otherwise noted.
Input Frequency (MHz)
0
10
20
30
-140
-120
-100
-80
-60
-40
-20
0
D001
Figure 6-1. Single Tone FFT at FIN = 1.1 MHz
Input Frequency (MHz)
0
10
20
30
-140
-120
-100
-80
-60
-40
-20
0
D002
Figure 6-2. Single Tone FFT at FIN = 10 MHz
Input Frequency (MHz)
0
10
20
30
-140
-120
-100
-80
-60
-40
-20
0
D003
AIN = -20 dBFS
Figure 6-3. Single Tone FFT at FIN = 10 MHz
Input Frequency (MHz)
0
10
20
30
-140
-120
-100
-80
-60
-40
-20
0
D004
Figure 6-4. Single Tone FFT at FIN = 40 MHz
Input Frequency (MHz)
0
10
20
30
-140
-120
-100
-80
-60
-40
-20
0
D005
Figure 6-5. Single Tone FFT at FIN = 64 MHz
Input Frequency (MHz)
0
10
20
30
-140
-120
-100
-80
-60
-40
-20
0
D006
Figure 6-6. Single Tone FFT at FIN = 90 MHz
ADC3643
SBAS886 – OCTOBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com