Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 5 Page - Texas Instruments

  ADC3641 Datasheet HTML 1Page - Texas Instruments ADC3641 Datasheet HTML 2Page - Texas Instruments ADC3641 Datasheet HTML 3Page - Texas Instruments ADC3641 Datasheet HTML 4Page - Texas Instruments ADC3641 Datasheet HTML 5Page - Texas Instruments ADC3641 Datasheet HTML 6Page - Texas Instruments ADC3641 Datasheet HTML 7Page - Texas Instruments ADC3641 Datasheet HTML 8Page - Texas Instruments ADC3641 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Supply voltage range, AVDD, IOVDD
–0.3
2.1
V
Supply voltage range, GND, IOGND, REFGND
–0.3
0.3
V
Voltage applied to
input pins
AINP/M, BINP/M, CLKP/M, DB1 (DCLKIN)
–0.3
2.1
V
VREF, REFBUF
–0.3
2.1
PDN, RESET, SCLK, SEN, SDIO
–0.3
2.1
Junction temperature, TJ
105
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC
JS-001, all pins(1)
2500
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins(2)
1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage range
AVDD(1)
1.75
1.8
1.85
V
IOVDD(1)
1.75
1.8
1.85
V
TA
Operating free-air temperature
–40
105
°C
TJ
Operating junction temperature
105(2)
°C
(1)
Measured to GND.
(2)
Prolonged use above this junction temperature may increase the device failure-in-time (FIT) rate.
6.4 Thermal Information
THERMAL METRIC
ADC364x
UNIT
RSB (QFN)
40 Pins
RΘJA
Junction-to-ambient thermal resistance
30.7
°C/W
RΘJC(top)
Junction-to-case (top) thermal resistance
16.4
°C/W
RΘJB
Junction-to-board thermal resistance
10.5
°C/W
ΨJT
Junction-to-top characterization parameter
0.2
°C/W
ΨJB
Junction-to-board characterization parameter
10.5
°C/W
RΘJC(bot)
Junction-to-case (bottom) thermal resistance
2.0
°C/W
www.ti.com
ADC3643
SBAS886 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com