Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 2Page - Texas Instruments ADC3641 Datasheet HTML 3Page - Texas Instruments ADC3641 Datasheet HTML 4Page - Texas Instruments ADC3641 Datasheet HTML 5Page - Texas Instruments ADC3641 Datasheet HTML 6Page - Texas Instruments ADC3641 Datasheet HTML 7Page - Texas Instruments ADC3641 Datasheet HTML 8Page - Texas Instruments ADC3641 Datasheet HTML 9Page - Texas Instruments ADC3641 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
6.5 Electrical Characteristics - Power Consumption
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to T
MAX = 105°C, ADC sampling rate = 65 MSPS, 50% clock duty cycle, AVDD, IOVDD = 1.8 V, external 1.6V reference, 5 pF
output load, and –1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC3641 - 10 MSPS
IAVDD
Analog supply current
External reference
27
mA
IIOVDD
I/O supply current(1)
DDR CMOS
5
PDIS
Power dissipation(1)
External reference, DDR CMOS
58
mW
IIOVDD
I/O supply current(1)
Serial CMOS 2-wire
TBD
mA
Serial CMOS 1-wire
TBD
4x complex decimation, Serial CMOS
2-wire
TBD
ADC3642 - 25 MSPS
IAVDD
Analog supply current
External reference
31
mA
IIOVDD
I/O supply current(1)
DDR CMOS
8
PDIS
Power dissipation(1)
External reference, DDR CMOS
70
mW
IIOVDD
I/O supply current(1)
Serial CMOS 2-wire
TBD
mA
4x complex decimation, Serial CMOS
2-wire
TBD
ADC3643 - 65 MSPS
IAVDD
Analog supply current
External reference
64
78
mA
IIOVDD
I/O supply current(1)
DDR CMOS
16
20
PDIS
Power dissipation(1)
External reference, DDR CMOS
144
176
mW
IIOVDD
I/O supply current(1)
8x complex decimation, Serial CMOS
2-wire
19
mA
IIOVDD
16x complex decimation, Serial CMOS
1-wire
17
IIOVDD
32x complex decimation, Serial CMOS
1-wire
15
IIOVDD
32x complex decimation, Serial CMOS
1/2-wire
16
MISCELLANEOUS
IAVDD
Internal reference, additional analog
supply current
FS = 10 MSPS
1
mA
FS = 25 MSPS
1.5
FS = 65 MSPS
3
External 1.2V reference (REFBUF),
additional analog supply current
Enabled via SPI
0.3
Single ended clock input, reduces
analog supply current by
0.7
PDIS
Power consumption in global power
down mode
Default power down mask, internal
reference
5
mW
Default power down mask, external
reference
9
(1)
Measured with a 2 MHz input frequency full-scale sine wave at specified sample rate, with ~ 5 pF loading on each CMOS output pin.
ADC3643
SBAS886 – OCTOBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com