Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 18Page - Texas Instruments ADC3641 Datasheet HTML 19Page - Texas Instruments ADC3641 Datasheet HTML 20Page - Texas Instruments ADC3641 Datasheet HTML 21Page - Texas Instruments ADC3641 Datasheet HTML 22Page - Texas Instruments ADC3641 Datasheet HTML 23Page - Texas Instruments ADC3641 Datasheet HTML 24Page - Texas Instruments ADC3641 Datasheet HTML 25Page - Texas Instruments ADC3641 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
8.3 Feature Description
8.3.1 Analog Input
The analog inputs of ADC364x are intended to be driven differentially. Both AC coupling and DC coupling of the
analog inputs is supported. The analog inputs are designed for an input common mode voltage of 0.95 V which
must be provided externally on each input pin. DC-coupled input signals must have a common mode voltage that
meets the device input common mode voltage range.
The equivalent input network diagram is shown in Figure 8-1. All four sampling switches, on-resistance shown in
red, are in same position (open or closed) simultaneously.
1
AVDD
0.6 pF
GND
GND
2 nH
xINP/
xINM
125
1.4 pF
GND
0.15 pF
GND
0.32 pF
0.6 pF
GND
24
GND
7
0.7 pF
GND
6.4 pF
1.6 pF
GND
5
GND
Sampling Switch
Figure 8-1. Equivalent Input Network
8.3.1.1 Analog Input Bandwidth
Figure 8-2 shows the analog full power input bandwidth of the ADC364x with a 50 Ω. The -3 dB bandwidth is
approximately 900 MHz and the useful input bandwidth with good AC performance is approximately 120 MHz.
The equivalent input resistance RIN and input capacitance CIN vs frequency are shown in Figure 8-3.
Input Frequency (MHz)
10
100
1000
-6
-5
-4
-3
-2
-1
0
ADC3
Figure 8-2. ADC Analog Input bandwidth response
Input Frequency (MHz)
0.1
1
10
100
1000
6
0
7
2
8
4
9
6
10
8
11
10
12
12
13
14
ADC3
RIN
CIN
Figure 8-3. Equivalent RIN/CIN vs Input Frequency
ADC3643
SBAS886 – OCTOBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com