Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 12Page - Texas Instruments ADC3641 Datasheet HTML 13Page - Texas Instruments ADC3641 Datasheet HTML 14Page - Texas Instruments ADC3641 Datasheet HTML 15Page - Texas Instruments ADC3641 Datasheet HTML 16Page - Texas Instruments ADC3641 Datasheet HTML 17Page - Texas Instruments ADC3641 Datasheet HTML 18Page - Texas Instruments ADC3641 Datasheet HTML 19Page - Texas Instruments ADC3641 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
Clock Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
3
76.5
85
77
90
77.5
95
78
100
78.5
105
79
110
79.5
115
80
120
D030
SNR, FIN = 5 MHz
SFDR, FIN = 5 MHz
SNR, FIN = 10 MHz
SFDR, FIN = 10 MHz
Figure 6-13. AC Performance vs Clock Amplitude
AVDD (V)
1.7
1.75
1.8
1.85
1.9
78
80
78.5
85
79
90
79.5
95
80
100
D041
SNR (dBFS)
SINAD (dBFS)
SFDR (dBc)
FIN = 5 MHz
Figure 6-14. AC Performance vs AVDD
VCM (V)
0.9
0.925
0.95
0.975
1
78
85
78.5
90
79
95
79.5
100
80
105
80.5
110
D048
SNR, -40qC
SNR, 25qC
SNR, 105qC
SFDR, -40qC
SFDR, 25qC
SFDR, 105qC
FIN = 5 MHz
Figure 6-15. AC Performance vs VCM vs
Temperature
Clock Duty Cycle (%)
35
40
45
50
55
60
65
70
78
80
78.5
85
79
90
79.5
95
80
100
D051
SNR
SFDR
FIN = 5 MHz
Figure 6-16. AC Performance vs Clock Duty Cycle
Input Frequency (MHz)
0
10
20
30
40
50
60
70
80
90
100 110 120
80
85
90
95
100
105
110
D053
ChA Victim
ChB Victim
Figure 6-17. Isolation vs Input Frequency
Code
0
2048
4096
6144
8192
10240 12288 14336 16384
-1
-0.5
0
0.5
1
D054
Ext REF
INT REF
FIN = 5 MHz
Figure 6-18. INL vs Code
ADC3643
SBAS886 – OCTOBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com