Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 14Page - Texas Instruments ADC3641 Datasheet HTML 15Page - Texas Instruments ADC3641 Datasheet HTML 16Page - Texas Instruments ADC3641 Datasheet HTML 17Page - Texas Instruments ADC3641 Datasheet HTML 18Page - Texas Instruments ADC3641 Datasheet HTML 19Page - Texas Instruments ADC3641 Datasheet HTML 20Page - Texas Instruments ADC3641 Datasheet HTML 21Page - Texas Instruments ADC3641 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
Sampling Rate (MSPS)
5
10
15
20
25
30
35
40
45
50
55
60
65
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
D066
Bypass (DDR)
/4 Real (2-w)
/8 Real (2-w)
/32 Real (2-w)
/2 Real (2-w)
/4 Complex (2-w)
/8 Complex (2-w)
/32 Complex (2-w)
FIN = 1 MHz
Figure 6-23. IIOVDD Current vs Decimation
Sampling Rate (MSPS)
5
10
15
20
25
30
35
40
45
50
55
60
65
0
5
10
15
20
25
30
35
D067
CL = 5 pF
CL = 10 pF
CL = 15 pF
CL = 22 pF
FIN = 1 MHz
Figure 6-24. IIOVDD Current vs Load Capacitance
ADC3643
SBAS886 – OCTOBER 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com