Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 55 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 51Page - Texas Instruments ADC3641 Datasheet HTML 52Page - Texas Instruments ADC3641 Datasheet HTML 53Page - Texas Instruments ADC3641 Datasheet HTML 54Page - Texas Instruments ADC3641 Datasheet HTML 55Page - Texas Instruments ADC3641 Datasheet HTML 56Page - Texas Instruments ADC3641 Datasheet HTML 57Page - Texas Instruments ADC3641 Datasheet HTML 58Page - Texas Instruments ADC3641 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 77 page
background image
Figure 8-56. Register 0x1F
7
6
5
4
3
2
1
0
LOW DR EN
DCLKIN EN
0
DCLK OB EN
2X DCLK
0
0
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-29. Register 0x1F Field Descriptions
Bit
Field
Type
Reset
Description
7
LOW DR EN
R/W
0
This bit impacts the output drive strength of the CMOS output
buffers. It can be enabled at slow speeds in order to save power
consumption but it will also degrade the rise and fall times. 0:
Low drive strength disabled.1: Low drive strength enabled.
6
DCLKIN EN
R/W
0
This bit enables the DCLKIN clock input buffer for serial CMOS
modes. Also DCLKIN EN (0x18, D4) needs to be set as well.
0: DCLKIN buffer powered down.
1: DCLKIN buffer enabled.
5
0
R/W
0
Must write 0
4
DCLK OB EN
R/W
1
This bit enables DCLK output buffer.
0: DCLK output buffer powered down.
1: DCLK output buffer enabled.
3
2X DCLK
R/W
0
This bit enables SDR output clocking with serial CMOS mode.
When this mode is enabled, DCLKIN required is twice as fast
and data is output only on rising edge of DCLK.
0: Serial data output on DCLK rising and falling edge.
1: Serial data output on DCLK rising edge only.
2-0
0
R/W
0
Must write 0
Figure 8-57. Register 0x20/21/22
7
6
5
4
3
2
1
0
FCLK PAT [7:0]
FCLK PAT [15:8]
0
0
0
0
FCLK PAT [19:16]
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-30. Register 0x20/21/22 Field Descriptions
Bit
Field
Type
Reset
Description
7-0
FCLK PAT [19:0]
R/W
0xFFC00
These bits can adjust the duty cycle of the FCLK. In decimation
bypass mode the FCLK pattern gets adjusted automatically for
the different output resolutions. Table 8-31 shows the proper
FCLK pattern values for 1-wire and 1/2-wire in real/complex
decimation.
Table 8-31. FCLK Pattern for different resolution based on interface
DECIMATION
OUTPUT RESOLUTION
2-WIRE
1-WIRE
1/2-WIRE
REAL DECIMATION
14-bit
Use Default
0xFE000
Use Default
16-bit
0xFF000
18-bit
0xFF800
20-bit
0xFFC00
COMPLEX
DECIMATION
14-bit
0xFFFFF
0xFFFFF
16-bit
18-bit
20-bit
www.ti.com
ADC3643
SBAS886 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com