Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 22Page - Texas Instruments ADC3641 Datasheet HTML 23Page - Texas Instruments ADC3641 Datasheet HTML 24Page - Texas Instruments ADC3641 Datasheet HTML 25Page - Texas Instruments ADC3641 Datasheet HTML 26Page - Texas Instruments ADC3641 Datasheet HTML 27Page - Texas Instruments ADC3641 Datasheet HTML 28Page - Texas Instruments ADC3641 Datasheet HTML 29Page - Texas Instruments ADC3641 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 77 page
background image
8.3.2 Clock Input
In order to maximize the ADC SNR performance, the external sampling clock should be low jitter and differential
signaling with a high slew rate. This is especially important in IF sampling applications. For less jitter sensitive
applications, the ADC364x provides the option to operate with single ended signaling which saves additional
power consumption.
8.3.2.1 Single Ended vs Differential Clock Input
The ADC364x can be operated using a differential or a single ended clock input where the single ended clock
consumes less power consumption. However clock amplitude impacts the ADC aperture jitter and consequently
the SNR. For maximum SNR performance, a large clock signal with fast slew rates needs to be provided.
• Differential Clock Input: The clock input can be AC coupled externally. The ADC364x provides internal biasing
for that use case.
• Single Ended Clock Input: This mode needs to be configured using SPI register TBD. In this mode there is no
internal clock biasing and thus the clock input needs to be DC coupled around a 0.9V center. The unused
input needs to be AC coupled to ground.
VCM
0.9V
CLKP
CLKM
5kO
5kO
CLKP
CLKM
0.9V
0V
1.8V
+
-
Figure 8-13. External and internal connection using differential (left) and single ended (right) clock input
8.3.2.2 Signal Acquisition Time Adjust
The ADC364x includes a register (DLL PDN (0x11, D2) which increases the signal acquisition time window for
clock rates below 40 MSPS from 25% to 50% of the clock period. Increasing the sampling time provides a longer
time for the driving amplifier to settle out the signal which can improve the SNR performance of the system.
Note
This register needs to be set for the 65 MSPS speed grade (ADC3643) when operating at sampling
rates below 40 MSPS. For the 10 and 25 MSPS device speed grades the sampling time is already set
to TS/2.
When powering down the DLL, the acquisition time tracks the clock duty cycle (50% is recommended).
Table 8-1. Acquisition time vs DLL PDN setting
SAMPLING CLOCK FS (MSPS)
DLL PDN (0x11, D2)
ACQUISITION TIME (tACQ)
65
0
TS / 4
≤ 40
1
TS / 2
TS: Sampling clock period
ADC3643
SBAS886 – OCTOBER 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com