Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 24Page - Texas Instruments ADC3641 Datasheet HTML 25Page - Texas Instruments ADC3641 Datasheet HTML 26Page - Texas Instruments ADC3641 Datasheet HTML 27Page - Texas Instruments ADC3641 Datasheet HTML 28Page - Texas Instruments ADC3641 Datasheet HTML 29Page - Texas Instruments ADC3641 Datasheet HTML 30Page - Texas Instruments ADC3641 Datasheet HTML 31Page - Texas Instruments ADC3641 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 77 page
background image
8.3.3.2 External voltage reference (VREF)
For highest accuracy and lowest temperature drift, the VREF input can be directly connected to an external 1.6 V
reference. A 10 μF and a 0.1 μF ceramic bypass capacitor (CVREF) connected between the VREF and REFGND
pins and placed as close to the pins as possible is recommended. The load current from the external reference
is about 1 mA.
Note: The internal reference is also used for other functions inside the device; therefore, the reference amplifier
should only be powered down in power down state but not during normal operation.
xINP
xINM
VREF
(1.6V)
REFBUF
(1.2V)
REFGND
VREF1.2
VCM
0.95V
x1.33
CVREF
Reference
1.6V
Figure 8-16. External 1.6V reference
8.3.3.3 External voltage reference with internal buffer (REFBUF)
The ADC364x is equipped with an on-chip reference buffer that also includes gain to generate the 1.6 V
reference voltage from an external 1.2 V reference. A 10 μF and a 0.1 μF ceramic bypass capacitor (C VREF)
between the VREF and REFGND pins and a 10 μF and a 0.1 μF ceramic bypass capacitor between the
REFBUF and REFGND pins are recommended. Both capacitors should be placed as close to the pins as
possible. The load current from the external reference is less than 100 μA.
xINP
xINM
VREF
(1.6V)
REFBUF
(1.2V)
REFGND
VREF1.2
VCM
0.95V
x1.33
CVREF
CREFBUF
Reference
1.2V
Figure 8-17. External 1.2V reference using internal reference buffer
ADC3643
SBAS886 – OCTOBER 2020
www.ti.com
28
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com