Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 17Page - Texas Instruments ADC3641 Datasheet HTML 18Page - Texas Instruments ADC3641 Datasheet HTML 19Page - Texas Instruments ADC3641 Datasheet HTML 20Page - Texas Instruments ADC3641 Datasheet HTML 21Page - Texas Instruments ADC3641 Datasheet HTML 22Page - Texas Instruments ADC3641 Datasheet HTML 23Page - Texas Instruments ADC3641 Datasheet HTML 24Page - Texas Instruments ADC3641 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
8 Detailed Description
8.1 Overview
The ADC364x is a low noise, ultra-low power 14-bit high-speed dual channel ADC family supporting sampling
rates from 10 to 65 Msps. It offers very good DC precision together with IF sampling support which makes it
ideally suited for a wide range of applications. The ADC364x is equipped with an on-chip internal reference
option but it also supports the use of an external, high precision 1.6 V voltage reference or an external 1.2 V
reference which is buffered and gained up internally. Because of the inherent low latency architecture, the digital
output result is available after only one clock cycle. Single ended as well as differential input signaling is
supported.
An optional programmable digital down converter enables external anti-alias filter relaxation as well as output
data rate reduction. The digital filter provides a 32-bit programmable NCO and supports both real or complex
decimation.
The ADC364x family uses a parallel DDR CMOS as well as a 2-wire, 1-wire and 1/2-wire serial CMOS interface
to output the data offering lowest power digital interface together with the flexibility to minimize the number of
digital interconnects. The ADC364x includes a digital output formatter which supports output resolutions from 14
to 20-bit. The device is a pin-to-pin compatible family with different speed grades.
The device features and control options can be set up either through pin configurations or via SPI register writes.
8.2 Functional Block Diagram
Control
AIN
CLK
VREF
ADC
14 bit
1.2 V REF
REFBUF
N
Digital Downconverter
NCO
BIN
ADC
14 bit
N
NCO
0.95 V
VCM
DB0..6
DCLK
DA0..6
Dig I/F
CMOS
Crosspoint
Switch
www.ti.com
ADC3643
SBAS886 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com