Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 44 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 40Page - Texas Instruments ADC3641 Datasheet HTML 41Page - Texas Instruments ADC3641 Datasheet HTML 42Page - Texas Instruments ADC3641 Datasheet HTML 43Page - Texas Instruments ADC3641 Datasheet HTML 44Page - Texas Instruments ADC3641 Datasheet HTML 45Page - Texas Instruments ADC3641 Datasheet HTML 46Page - Texas Instruments ADC3641 Datasheet HTML 47Page - Texas Instruments ADC3641 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Register Address <11:0>
Register Data <7:0>
SDIO
SCLK
tSCLK
tS,SDIO
tH,SDIO
SEN
tS,SEN
tH,SEN
RESET
A11
A10
A9
A8
A7
A6
0
0
0
0
R/W
Figure 8-41. Serial Register Write Timing Diagram
8.5.2.2 Register Read
The device includes a mode where the contents of the internal registers can be read back using the SDIO pin.
This readback mode can be useful as a diagnostic check to verify the serial interface communication between
the external controller and the ADC. The procedure to read the contents of the serial registers is as follows:
1. Drive the SEN pin low
2. Set the R/W bit (A15) to 1. This setting disables any further writes to the registers. Set A[14:12] in address
field to 0.
3. Initiate a serial interface cycle specifying the address of the register (A[11:0]) whose content must be read
4. The device outputs the contents (D[7:0]) of the selected register on the SDIO pin
5. The external controller can latch the contents at the SCLK falling edge
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Register Address <11:0>
Register Data <7:0>
SDIO
SCLK
SEN
A11
A10
A9
A8
A7
A6
0
0
0
1
R/W
t
OZD
t
OD
t
ODZ
Figure 8-42. Serial Register Read Timing Diagram
ADC3643
SBAS886 – OCTOBER 2020
www.ti.com
44
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com