Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 61 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 57Page - Texas Instruments ADC3641 Datasheet HTML 58Page - Texas Instruments ADC3641 Datasheet HTML 59Page - Texas Instruments ADC3641 Datasheet HTML 60Page - Texas Instruments ADC3641 Datasheet HTML 61Page - Texas Instruments ADC3641 Datasheet HTML 62Page - Texas Instruments ADC3641 Datasheet HTML 63Page - Texas Instruments ADC3641 Datasheet HTML 64Page - Texas Instruments ADC3641 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Typical Application
A spectrum analyzer is a typical frequency domain application for the ADC364x and its front end circuitry is very
similar to several other systems such as software defined radio (SDR), radar or communications. Some
applications require frequency coverage including DC or near DC (e.g. sonar) so it’s included in this example.
Control
AIN
CLK
VREF
ADC
ADC
0.95V
VCM
DB0..6
DCLK
DA0..6
Dig I/F
FPGA
1.2V REF
REFBUF
10 k
0.6V
Device Clock
AMP
CVCM
N
NCO
N
NCO
Low Pass Filter
33
10
180nH
33
10
180nH
100 pF
Glitch Filter
AMP
Low Pass Filter
33
10
180nH
33
10
180nH
100 pF
Glitch Filter
BIN
10 uF
Figure 9-1. Typical configuration for a spectrum analyzer with DC support
9.1.1 Design Requirements
Frequency domain applications cover a wide range of frequencies from low input frequencies at or near DC in
the 1st Nyquist zone to undersampling in higher Nyquist zones. If very low input frequency is supported then the
input has to be DC coupled and the ADC driven by a fully differential amplifier (FDA). If low frequency support is
not needed then AC coupling and use of a balun may be more suitable.
The internal reference is used since DC precision is not needed. However the ADC AC performance is highly
dependent on the quality of the external clock source. If in-band interferers can be present then the ADC SFDR
performance will be a key care about as well. A higher ADC sampling rate is desirable in order to relax the
external anti-aliasing filter – an internal decimation filter can be used to reduce the digital output rate afterwards.
Table 9-1. Design key care-abouts
FEATURE
DESCRIPTION
Signal Bandwidth
DC to 20 MHz
Input Driver
Single ended to differential signal conversion and DC coupling
Clock Source
External clock with low jitter
www.ti.com
ADC3643
SBAS886 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com