Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 66 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 62Page - Texas Instruments ADC3641 Datasheet HTML 63Page - Texas Instruments ADC3641 Datasheet HTML 64Page - Texas Instruments ADC3641 Datasheet HTML 65Page - Texas Instruments ADC3641 Datasheet HTML 66Page - Texas Instruments ADC3641 Datasheet HTML 67Page - Texas Instruments ADC3641 Datasheet HTML 68Page - Texas Instruments ADC3641 Datasheet HTML 69Page - Texas Instruments ADC3641 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 77 page
background image
DC/DC
Regulator
5V-12V
LDO
GND
GND
AVDD
IOVDD
FB
FB
FB
47uF
47uF
10uF 10uF
0.1uF
10uF 10uF
0.1uF
2.1V
1.8V
FB = Ferrite bead filter
GND
GND
Figure 11-2. Example: LDO Linear Regulator Approach
DC/DC
Regulator
5V-12V
GND
GND
AVDD
IOVDD
EMI FILTER
FB
FB
10uF 10uF
0.1uF
10uF 10uF
0.1uF
1.8V
GND
10uF 10uF 10uF
Ripple filter notch frequency to match switching frequency of the DC/DC regulator
FB = Ferrite bead filter
Figure 11-3. Example Switcher-Only Approach
ADC3643
SBAS886 – OCTOBER 2020
www.ti.com
66
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com