Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 32Page - Texas Instruments ADC3641 Datasheet HTML 33Page - Texas Instruments ADC3641 Datasheet HTML 34Page - Texas Instruments ADC3641 Datasheet HTML 35Page - Texas Instruments ADC3641 Datasheet HTML 36Page - Texas Instruments ADC3641 Datasheet HTML 37Page - Texas Instruments ADC3641 Datasheet HTML 38Page - Texas Instruments ADC3641 Datasheet HTML 39Page - Texas Instruments ADC3641 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
8.3.4.6.2 Serialized CMOS
In serialized CMOS mode, the ADC364x device supports complex decimation output Figure 8-36 and real
decimation output Figure 8-37. The examples are shown for 16-bit output for 2-wire (8x serialization) and 1-wire
(16x serialization).
FCLK
DB5
DB6
FCLK
DA6
2-Wire
8x Serialization
1-Wire
16x Serialization
DCLK
DCLK
AQ <15:0>
AI <15:0>
BI
D13
BI
D11
BI
D9
BI
D7
BI
D5
BI
D3
BI
D1
BI
D12
BI
D10
BI
D8
BI
D6
BI
D4
BI
D2
BI
D0
BQ
D13
BQ
D11
BQ
D9
BQ
D7
BQ
D5
BQ
D3
BQ
D12
BQ
D10
BQ
D8
BQ
D6
BQ
D4
BQ
D2
BQ
D1
BQ
D0
BI
D15
BI
D14
BQ
D15
BQ
D14
DA5
DA6
AI
D13
AI
D11
AI
D9
AI
D7
AI
D5
AI
D3
AI
D1
AI
D12
AI
D10
AI
D8
AI
D6
AI
D4
AI
D2
AI
D0
AQ
D13
AQ
D11
AQ
D9
AQ
D7
AQ
D5
AQ
D3
AQ
D12
AQ
D10
AQ
D8
AQ
D6
AQ
D4
AQ
D2
AQ
D1
AQ
D0
AI
D15
AI
D14
AQ
D15
AQ
D14
BQ <15:0>
BI <15:0>
DB6
1/2-Wire
(32x Serialization)
FCLK
DA6
BQ <15:0>
AQ <15:0>
BI <15:0>
AI <15:0>
DCLK
Figure 8-36. Output Data Format in Complex Decimation
Table 8-5 illustrates the output interface data rate along with the corresponding DCLK/DCLKIN and FCLK
frequencies based on output resolution (R), number of serial CMOS lanes (L) and complex decimation setting
(N).
Furthermore the table shows an actual lane rate example for the 2-, 1- and 1/2-wire interface, 16-bit output
resolution and complex decimation by 16.
Table 8-5. Serial CMOS Lane Rate Examples with Complex Decimation and 16-bit Output Resolution
DECIMATION
SETTING
ADC SAMPLING
RATE
OUTPUT
RESOLUTION
# of WIRES
FCLK
DCLKIN, DCLK
DOUT
N
FS
R
L
FS / N
[DOUT] / 2
FS x 2 x R / L / N
16
65 MSPS
16
2
4.0625 MHz
32.5 MHz
65 MHz
1
65 MHz
130 MHz
62.5 MSPS
1/2
3.90625 MHz
125 MHz
250 MHz
ADC3643
SBAS886 – OCTOBER 2020
www.ti.com
36
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com