Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 41 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 37Page - Texas Instruments ADC3641 Datasheet HTML 38Page - Texas Instruments ADC3641 Datasheet HTML 39Page - Texas Instruments ADC3641 Datasheet HTML 40Page - Texas Instruments ADC3641 Datasheet HTML 41Page - Texas Instruments ADC3641 Datasheet HTML 42Page - Texas Instruments ADC3641 Datasheet HTML 43Page - Texas Instruments ADC3641 Datasheet HTML 44Page - Texas Instruments ADC3641 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
8.3.5.5.1 Configuration Example
The following is a step by step programming example to configure the ADC364x to complex decimation by 8 with
1-wire serial CMOS and 16-bit output.
1. 0x07 (address) 0x6C (load bit mapper configuration for 16-bit output with 1-wire serial CMOS)
2. 0x13 0x01, wait 1 ms, 0x13 0x00 (load e-fuse)
3. 0x0A 0xFF, 0x0B 0xEE, 0x0C 0xFD (Power down unused CMOS output buffers to avoid contention)
4. 0x18 0x10 (DCLKIN EN for serial CMOS mode)
5. 0x19 0x82 (configure FCLK)
6. 0x1B 0x88 (select 16-bit output resolution)
7. 0x1F 0x50 (DCLKIN EN for serial CMOS mode)
8. 0x20 0xFF, 0x21 0xFF, 0x22 0x0F (configure FCLK pattern)
9. 0x24 0x06 (enable decimation filter)
10.0x25 0x30 (configure complex decimation by 8)
11.0x2A/B/C/D and 0x31/32/33/34 (program NCO frequency)
12.0x27/0x2E 0x08 (configure Q-delay register bit)
13.0x26 0xAA, 0x26 0x88 (set digital mixer gain to 6-dB and toggle the mixer update)
8.3.6 Test Pattern
In order to enable in-circuit testing of the digital interface, the following test patterns are supported and enabled
via SPI register writes (0x14/0x15/0x16). In decimation mode (real and complex), the test patterns replace the
output data of the DDC - however channel A controls the test patterns for both channels.
• RAMP Pattern: The step size needs to be configured in the CUSTOM PAT register according to the native
resolution of the ADC. When selecting a higher output resolution then the additional LSBs will still be 0 in
RAMP pattern mode.
– 00001: 18-bit output resolution
– 00100: 16-bit output resolution
– 10000: 14-bit output resolution
• Custom Pattern: Configured in the CUSTOM PAT register
www.ti.com
ADC3643
SBAS886 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com