Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 67 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 63Page - Texas Instruments ADC3641 Datasheet HTML 64Page - Texas Instruments ADC3641 Datasheet HTML 65Page - Texas Instruments ADC3641 Datasheet HTML 66Page - Texas Instruments ADC3641 Datasheet HTML 67Page - Texas Instruments ADC3641 Datasheet HTML 68Page - Texas Instruments ADC3641 Datasheet HTML 69Page - Texas Instruments ADC3641 Datasheet HTML 70Page - Texas Instruments ADC3641 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
12 Layout
12.1 Layout Guidelines
There are several critical signals which require specific care during board design:
1. Analog input and clock signals
• Traces should be as short as possible and vias should be avoided where possible to minimize impedance
discontinuities.
• Traces should be routed using loosely coupled 100-Ω differential traces.
• Differential trace lengths should be matched as close as possible to minimize phase imbalance and HD2
degradation.
2. Digital output interface
• A 20 Ω series isolation resistor should be used on each CMOS output and placed close the digital output.
This isolation resistor limits the output current into the capacitive load and thus minimizes the switching
noise inside the ADC. When driving longer distances a buffer should be used. The resistor value should
be optimized for the desired output data rate.
3. Voltage reference
• The bypass capacitor should be placed as close to the device pins as possible and connected between
VREF and REFGND – on top layer avoiding vias.
• Depending on configuration an additional bypass capacitor between REFBUF and REFGND may be
recommended and should also be placed as close to pins as possible on top layer.
4. Power and ground connections
• Provide low resistance connection paths to all power and ground pins.
• Use power and ground planes instead of traces.
• Avoid narrow, isolated paths which increase the connection resistance.
• Use a signal/ground/power circuit board stackup to maximize coupling between the ground and power
plane.
12.2 Layout Example
The following screen shot shows the top layer of the ADC364x EVM.
• Signal and clock inputs are routed as differential signals on the top layer avoiding vias.
• Serial CMOS output interface lanes with isolation resistor and digital buffer.
• Bypass caps are close to the VREF pin on the top layer avoiding vias.
CMOS output lines with
isolation resistor and buffer
close by
Bypass caps on VREF close
to the pins
Analog inputs on
top layer (no vias)
Clock routing
without vias
Figure 12-1. Layout example: top layer of ADC364x EVM
www.ti.com
ADC3643
SBAS886 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com