Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 65 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 61Page - Texas Instruments ADC3641 Datasheet HTML 62Page - Texas Instruments ADC3641 Datasheet HTML 63Page - Texas Instruments ADC3641 Datasheet HTML 64Page - Texas Instruments ADC3641 Datasheet HTML 65Page - Texas Instruments ADC3641 Datasheet HTML 66Page - Texas Instruments ADC3641 Datasheet HTML 67Page - Texas Instruments ADC3641 Datasheet HTML 68Page - Texas Instruments ADC3641 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
11 Power Supply Recommendations
The ADC364x requires two different power-supplies. The AVDD rail provides power for the internal analog
circuits and the ADC itself while the IOVDD rail powers the digital interface and the internal digital circuits like
decimation filter or output interface mapper. Power sequencing is not required.
The AVDD power supply must be low noise in order to achieve data sheet performance. In applications
operating near DC, the 1/f noise contribution of the power supply needs to be considered as well. The ADC is
designed for very good PSRR which aides with the power supply filter design.
Frequency of Signal on AVDD (MHz)
0.05
0.1
1
10
100
30
35
40
45
50
55
D42_
Figure 11-1. Power supply rejection ratio (PSRR) vs frequency
There are two recommended power-supply architectures:
1. Step down using high-efficiency switching converters, followed by a second stage of regulation using a low
noise LDO to provide switching noise reduction and improved voltage accuracy.
2. Directly step down the final ADC supply voltage using high-efficiency switching converters. This approach
provides the best efficiency, but care must be taken to ensure switching noise is minimized to prevent
degraded ADC performance.
TI WEBENCH Power Designer can be used to select and design the individual power-supply elements needed:
see the WEBENCH Power Designer
Recommended switching regulators for the first stage include the TPS62821, and similar devices.
Recommended low dropout (LDO) linear regulators include the TPS7A4701, TPS7A90, LP5901, and similar
devices.
For the switch regulator only approach, the ripple filter must be designed with a notch frequency that aligns with
the switching ripple frequency of the DC/DC converter. Note the switching frequency reported from WEBENCH
and design the EMI filter and capacitor combination to have the notch frequency centered as needed. Figure
11-2 and Figure 11-3 illustrate the two approaches.
AVDD and IOVDD supply voltages should not be shared in order to prevent digital switching noise from coupling
into the analog signal chain.
www.ti.com
ADC3643
SBAS886 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com