Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 42 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 38Page - Texas Instruments ADC3641 Datasheet HTML 39Page - Texas Instruments ADC3641 Datasheet HTML 40Page - Texas Instruments ADC3641 Datasheet HTML 41Page - Texas Instruments ADC3641 Datasheet HTML 42Page - Texas Instruments ADC3641 Datasheet HTML 43Page - Texas Instruments ADC3641 Datasheet HTML 44Page - Texas Instruments ADC3641 Datasheet HTML 45Page - Texas Instruments ADC3641 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 77 page
background image
8.4 Device Functional Modes
8.4.1 Normal operation
In normal operating mode, the entire ADC full scale range gets converted to a digital output with 14-bit
resolution. The output is available in as little as 1 clock cycle on the digital CMOS outputs.
8.4.2 Power Down Options
A global power down mode can be enabled via SPI as well as using the power down pin (PDN/SYNC). There is
an internal pull-down 21 kΩ resistor on the PDN/SYNC input pin and the pin is active high - so the pin needs to
be pulled high externally to enter global power down mode.
The SPI register map provides the capability to enable/disable individual blocks directly or via PDN pin mask in
order to trade off power consumption vs wake up time as shown in Table 8-10.
AIN
CLK
VREF
1.2V REF
REFBUF
Digital Downconverter
Dig I/F
ADC
N
NCO
ADC
N
NCO
Crosspoint
Switch
BIN
Figure 8-40. Power Down Configurations
Table 8-10. Overview of Power Down Options
Function/ Register
PDN
via SPI
Mask for
Global PDN
Feature -
Default
Power
Impact
Wake-up
time
Comment
ADC
Yes
-
Enabled
Both ADC channels are included in
Global PDN automatically
Reference gain amplifier
Yes
Yes
Enabled
~ 0.4 mA
~3 us
Should only be powered down in power
down state.
Internal 1.2 V reference
Yes
External ref
~ 1-3.5 mA
~3 ms
Internal/external reference selection is
available through SPI and REFBUF pin.
Clock buffer
Yes
Differential
clock
~ 1 mA
n/a
Single ended clock input saves ~ 1mA
compared to differential.
Some programmability is available
through the REFBUF pin.
Output interface drivers
Yes
-
Enabled
varies
n/a
Depending on output interface mode,
unused output drivers can be powered
down for maximum power savings
Decimation filter
Yes
-
Disabled
see electrical
table
n/a
ADC3643
SBAS886 – OCTOBER 2020
www.ti.com
42
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com